Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHP10T120 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IHP10T120
Description  Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHP10T120 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IHP10T120 Datasheet HTML 5Page - Infineon Technologies AG IHP10T120 Datasheet HTML 6Page - Infineon Technologies AG IHP10T120 Datasheet HTML 7Page - Infineon Technologies AG IHP10T120 Datasheet HTML 8Page - Infineon Technologies AG IHP10T120 Datasheet HTML 9Page - Infineon Technologies AG IHP10T120 Datasheet HTML 10Page - Infineon Technologies AG IHP10T120 Datasheet HTML 11Page - Infineon Technologies AG IHP10T120 Datasheet HTML 12Page - Infineon Technologies AG IHP10T120 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IHP10T120
Soft Switching Series
Power Semiconductors
9
Rev. 2.4 Sept. 07
0nC
25nC
50nC
0V
5V
10V
15V
960V
240V
0V
10V
20V
10pF
100pF
1nF
C
rss
C
oss
C
iss
QGE, GATE CHARGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 17. Typical gate charge
(IC=8 A)
Figure 18. Typical capacitance as a
function of collector-emitter voltage
(VGE=0V, f = 1 MHz)
12V
14V
16V
0µs
5µs
10µs
15µs
12V
14V
16V
18V
0A
25A
50A
75A
VGE, GATE-EMITTETR VOLTAGE
VGE, GATE-EMITTETR VOLTAGE
Figure 19. Short circuit withstand time as a
function of gate-emitter voltage
(VCE=600V, start at TJ=25°C)
Figure 20. Typical short circuit collector
current as a function of gate-emitter
voltage
(VCE ≤ 600V, Tj ≤ 150°C)


Similar Part No. - IHP10T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IHP10T120 INFINEON-IHP10T120 Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
More results

Similar Description - IHP10T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA15N60T INFINEON-IKA15N60T Datasheet
404Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 July 06
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IKP15N60T INFINEON-IKP15N60T Datasheet
402Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 May 06
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IKW08T120 INFINEON-IKW08T120_08 Datasheet
372Kb / 16P
   Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
IKP06N60T INFINEON-IKP06N60T Datasheet
359Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 May 06
IKW08T120 INFINEON-IKW08T120 Datasheet
343Kb / 15P
   LOW LOSS DUOPACK - IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI - PARALLEL EMCON HE DIODE
Rev. 1 Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com