Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS127 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSS127
Description  SIPMOS Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS127 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSS127 Datasheet HTML 1Page - Infineon Technologies AG BSS127 Datasheet HTML 2Page - Infineon Technologies AG BSS127 Datasheet HTML 3Page - Infineon Technologies AG BSS127 Datasheet HTML 4Page - Infineon Technologies AG BSS127 Datasheet HTML 5Page - Infineon Technologies AG BSS127 Datasheet HTML 6Page - Infineon Technologies AG BSS127 Datasheet HTML 7Page - Infineon Technologies AG BSS127 Datasheet HTML 8Page - Infineon Technologies AG BSS127 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BSS127
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-21
28
pF
Output capacitance
C oss
-
2.4
3
Reverse transfer capacitance
Crss
-
1.0
1.5
Turn-on delay time
t d(on)
-
6.1
19.0
ns
Rise time
t r
-
9.7
14.5
Turn-off delay time
t d(off)
-14
21
Fall time
t f
-
115
170
Gate Charge Characteristics
Gate to source charge
Q gs
-
0.07
0.10
nC
Gate to drain charge
Q gd
-
0.31
0.5
Gate charge total
Q g
-
0.65
1.0
Gate plateau voltage
V plateau
-
3.56
-
V
Reverse Diode
Diode continous forward current
I S
-
-
0.016 A
Diode pulse current
I S,pulse
-
-
0.09
Diode forward voltage
V SD
V GS=0 V, I F=0.016 A,
T j=25 °C
-
0.82
1.2
V
Reverse recovery time
t rr
-
160
240
ns
Reverse recovery charge
Q rr
-
13.2
19.8
nC
V R=300 V,
I F=0.016 A,
di F/dt =100 A/µs
T A=25 °C
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=300 V,
V GS=10 V, I D=0.01 A,
R G=6 Ω
V DD=300 V,
I D=0.01 A,
V GS=0 to 10 V
Rev. 1.47
page 3
2010-07-29


Similar Part No. - BSS127

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS127 INFINEON-BSS127 Datasheet
271Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.1 2006-03-24
logo
Unisonic Technologies
BSS127 UTC-BSS127 Datasheet
230Kb / 4P
   0.021A, 600V SMALL-SIGNAL-TRANSISTOR
logo
Diodes Incorporated
BSS127 DIODES-BSS127 Datasheet
366Kb / 6P
   Low Input Capacitance
logo
Unisonic Technologies
BSS127G-AE3-R UTC-BSS127G-AE3-R Datasheet
230Kb / 4P
   0.021A, 600V SMALL-SIGNAL-TRANSISTOR
logo
Infineon Technologies A...
BSS127I INFINEON-BSS127I Datasheet
1Mb / 10P
   Small-Signal Transistor
2021-03-17 revision:2.1
More results

Similar Description - BSS127

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com