Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W681310 Datasheet(PDF) 10 Page - Winbond

Part # W681310
Description  3V SINGLE-CHANNEL VOICEBAND CODEC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W681310 Datasheet(HTML) 10 Page - Winbond

Back Button W681310 Datasheet HTML 6Page - Winbond W681310 Datasheet HTML 7Page - Winbond W681310 Datasheet HTML 8Page - Winbond W681310 Datasheet HTML 9Page - Winbond W681310 Datasheet HTML 10Page - Winbond W681310 Datasheet HTML 11Page - Winbond W681310 Datasheet HTML 12Page - Winbond W681310 Datasheet HTML 13Page - Winbond W681310 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
W681310
- 10 -
7.3.1. Analog and Digital Supply
The power supply for the analog and digital parts of the W681310 must be 2.7V to 5.25V. This supply
voltage is connected to the VDD pin. The VDD pin needs to be decoupled to ground through a 0.1 μF
ceramic capacitor.
7.3.2. Analog Ground Reference Bypass
The system has an internal precision voltage reference which generates the VDD/2 mid-supply analog
ground voltage. This voltage needs to be decoupled to VSS at the VREF pin through a 0.1 μF ceramic
capacitor.
7.3.3. Analog Ground Reference Voltage Outpt
The analog ground reference voltage is available for external reference at the VAG pin. This voltage
needs to be decoupled to VSS through a 0.01 μF ceramic capacitor. The analog ground reference
voltage is generated from the voltage on the VREF pin and is also used for the internal signal processing.
7.4. PCM INTERFACE
The PCM interface is controlled by pins BCLKR, FSR, BCLKT & FST. The input data is received
through the PCMR pin and the output data is transmitted through the PCMT pin. The modes of
operation of the interface are shown in Table 7.3.
BCLKR
FSR
Interface Mode
64 kHz to 4.800 MHz
8 kHz
Long or Short Frame Sync
VSS
VSS
ISDN GCI with active channel B1
VSS
VDD
ISDN GCI with active channel B2
VDD
VSS
ISDN IDL with active channel B1
VDD
VDD
ISDN IDL with active channel B2
Table 7.3 PCM Interface mode selections


Similar Part No. - W681310

ManufacturerPart #DatasheetDescription
logo
Winbond
W681310 WINBOND-W681310 Datasheet
465Kb / 36P
   3V SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681310 NUVOTON-W681310 Datasheet
1Mb / 36P
   3V SINGLE CHANNEL VOICEBAND CODEC
logo
Winbond
W681310ES WINBOND-W681310ES Datasheet
548Kb / 6P
   Single Channel CODEC Mini Evaluation Board
W681310R WINBOND-W681310R Datasheet
465Kb / 36P
   3V SINGLE-CHANNEL VOICEBAND CODEC
W681310RG WINBOND-W681310RG Datasheet
465Kb / 36P
   3V SINGLE-CHANNEL VOICEBAND CODEC
More results

Similar Description - W681310

ManufacturerPart #DatasheetDescription
logo
Winbond
W681310 WINBOND-W681310 Datasheet
465Kb / 36P
   3V SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681310 NUVOTON-W681310 Datasheet
1Mb / 36P
   3V SINGLE CHANNEL VOICEBAND CODEC
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com