Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSP135 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP135
Description  SIPMOS Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP135 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP135 Datasheet HTML 1Page - Infineon Technologies AG BSP135 Datasheet HTML 2Page - Infineon Technologies AG BSP135 Datasheet HTML 3Page - Infineon Technologies AG BSP135 Datasheet HTML 4Page - Infineon Technologies AG BSP135 Datasheet HTML 5Page - Infineon Technologies AG BSP135 Datasheet HTML 6Page - Infineon Technologies AG BSP135 Datasheet HTML 7Page - Infineon Technologies AG BSP135 Datasheet HTML 8Page - Infineon Technologies AG BSP135 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BSP135
SIPMOS
® Small-Signal-Transistor
Features
• N-channel
• Depletion mode
• dv /dt rated
• Available with V GS(th) indicator on reel
• Pb-free lead plating; RoHS compliant
• Qualified according to AEC Q101
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T A=25 °C
0.12
A
T A=70 °C
0.10
Pulsed drain current
I D,pulse
T A=25 °C
0.48
Reverse diode dv /dt
dv /dt
I D=0.12 A, V DS=20 V,
di /dt =200 A/µs,
T j,max=150 °C
6
kV/µs
Gate source voltage
V GS
±20
V
ESD
Class
(JESD22-A114-HBM)
1A (>250V, <500V)
Power dissipation
P tot
T A=25 °C
1.8
W
Operating and storage temperature
T j, T stg
-55 ... 150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
1) see table on next page and diagram 11
Value
V DS
600
V
R DS(on),max
60
I DSS,min
0.02
A
Product Summary
PG-SOT223
Type
Package
Tape and Reel Information
Marking
Packaging
BSP135
PG-SOT22
L6327: 1000 pcs/reel
BSP135
Non dry
BSP135
PG-SOT22
L6906: 1000 pcs/reel
inVGSth bands 1) BSP135
Rev. 1.3
1
page 1
20
10-07-19
Non dry


Similar Part No. - BSP135

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP135 SIEMENS-BSP135 Datasheet
411Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
logo
Infineon Technologies A...
BSP135 INFINEON-BSP135 Datasheet
207Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.0 2003-04-03
BSP135I INFINEON-BSP135I Datasheet
1Mb / 10P
   Small-Signal Transistor
Rev.2.1, 2021-03-14
More results

Similar Description - BSP135

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com