Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX2931GV50 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IFX2931GV50
Description  Low Dropout Linear Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX2931GV50 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IFX2931GV50 Datasheet HTML 6Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 7Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 8Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 9Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 10Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 11Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 12Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 13Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
IFX2931
Electrical Characteristics
Data Sheet
10
Rev. 1.12, 2010-02-23
IFX2931GV50: Output Voltage
V
OUT versus
Junction Temperature
T
j
IFX2931GV33: Output Voltage
V
OUT versus
Junction Temperature
T
j
Output Current
I
OUT versus
Input Voltage
V
I
Current Consumption
I
q versus
Low Output Current
I
OUT
4.60
-40
AED01982
VQ
040
80
160
4.80
5.00
V
5.20
120 C
4.70
4.90
5.10
i
V =13.5 V
j
T
V33_VQ_TJ.VSD
2,90
3,00
3,10
3,20
3,30
3,40
3,50
-40
10
60
110
160
T j [°C]
V
I = 14 V
0
0
AED01983
=
C
125
25 C
=
Q
Ι
VΙ
10
20
3040
50
50
100
150
200
mA
V
j
T
j
T
Ι
Q
0
0
AED01981
mA
30
10
20
Ι
q
0.5
1.0
1.5
2.0
mA
3.0
V
i =13.5 V
5
15
2.5


Similar Part No. - IFX2931GV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX2931GV50 INFINEON-IFX2931GV50 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.13, 2011-02-10
More results

Similar Description - IFX2931GV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com