Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSO052N03S Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSO052N03S
Description  OptiMOS?? Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO052N03S Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSO052N03S_09 Datasheet HTML 1Page - Infineon Technologies AG BSO052N03S_09 Datasheet HTML 2Page - Infineon Technologies AG BSO052N03S_09 Datasheet HTML 3Page - Infineon Technologies AG BSO052N03S_09 Datasheet HTML 4Page - Infineon Technologies AG BSO052N03S_09 Datasheet HTML 5Page - Infineon Technologies AG BSO052N03S_09 Datasheet HTML 6Page - Infineon Technologies AG BSO052N03S_09 Datasheet HTML 7Page - Infineon Technologies AG BSO052N03S_09 Datasheet HTML 8Page - Infineon Technologies AG BSO052N03S_09 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BSO052N03S
1 Power dissipation
2 Drain current
P tot=f(T A); t p≤10 s
I D=f(T A); V GS≥10 V; t p≤10 s
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T A=25 °C
1); D =0
Z thJS=f(t p)
parameter: t p
parameter: D =t p/T
33 µs
100 µs
1 ms
10 ms
10 s
DC
10
2
10
1
10
0
10
-1
10
2
10
1
10
0
10
-1
10
-2
0.01
0.1
1
10
100
0.1
1
10
100
V DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
1
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
2
10
1
10
0
10
-1
10
-2
0.01
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
t p [s]
0
0.5
1
1.5
2
2.5
3
0
40
80
120
160
T A [°C]
0
5
10
15
20
0
40
80
120
160
T A [°C]
Rev. 2.0
page 4
2009-11-04


Similar Part No. - BSO052N03S_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO052N03S INFINEON-BSO052N03S Datasheet
244Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-03-31
More results

Similar Description - BSO052N03S_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com