Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83637HG Datasheet(PDF) 6 Page - Winbond

Part # W83637HG
Description  LPC I/O
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83637HG Datasheet(HTML) 6 Page - Winbond

Back Button W83637HG Datasheet HTML 2Page - Winbond W83637HG Datasheet HTML 3Page - Winbond W83637HG Datasheet HTML 4Page - Winbond W83637HG Datasheet HTML 5Page - Winbond W83637HG Datasheet HTML 6Page - Winbond W83637HG Datasheet HTML 7Page - Winbond W83637HG Datasheet HTML 8Page - Winbond W83637HG Datasheet HTML 9Page - Winbond W83637HG Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 151 page
background image
W83637HF/HG
Publication Release Date: March, 2006
- 1 -
Revision 1.6
1. GENERAL DESCRIPTION
W83637HF/HG is the new generation of Winbond's LPC I/O products. It is an evolving product from
Winbond’s most popular LPC I/O chip W83627HF/HG – which integrates the disk driver adapter, serial
port (UART), keyboard controller (KBC), SIR, CIR, game port, MIDI port, hardware monitor, ACPI, On
Now Wake-Up – plus additional new features: the Smart Card reader interface and Memory Stick TM
reader interface.
The Smart Card application is gaining more and more attention; it provides a very high-grade security
and convenience in Internet transaction, banking, telephony, electronic payments, etc. W83637HF/HG
supports a smart card reader interface featuring Smart wake-up function. This smart card reader
interface fully meets the ISO7816 and PC/SC (Personal Computer/Smart Card Workgroup) standards.
W83637HF/HG provides a minimum external components and lowest cost solution for smart card
applications.
W83637HF/HG implements a standard Memory StickTM reader interface. The Memory StickTM has
been a new mainstream media for storing and transferring data. It’s ultra-small size and high storage
capacity make it can be used in very wide variety products, including the Audio, Video and PC.
The disk drive adapter functions of W83637HF/HG include a floppy disk drive controller compatible
with the industry standard 82077/765, data separator, write pre-compensation circuit, decode logic,
data rate selection, clock generator, drive interface control logic, and interrupt and DMA logic. The wide
range of functions integrated onto the W83637HF/HG greatly reduces the number of components
required for interfacing with floppy disk drives. W83637HF/HG supports four 360K, 720K, 1.2M, 1.44M,
or 2.88M disk drives and data transfer rates of 250 Kb/s, 300 Kb/s, 500 Kb/s, 1 Mb/s, and 2 Mb/s.
W83637HF/HG provides two high-speed serial communication ports (UARTs), one of which supports
serial Infrared communication. Each UART includes a 16-byte send/receive FIFO, a programmable
baud rate generator, complete modem control capability, and a processor interrupts system. Both
UARTs provide legacy speed with baud rate up to 115.2k bps and also advanced speed with baud
rates of 230k, 460k, or 921k bps, which support higher speed modems. In addition, W83637HF/HG
provides IR functions: IrDA 1.0 (SIR for 1.152K bps) and TV remote IR (Consumer IR, supporting NEC,
RC-5, extended RC-5, and RECS-80 protocols).
W83637HF/HG supports one PC-compatible printer port (SPP), Bi-directional Printer port (BPP) and
also Enhanced Parallel Port (EPP) and Extended Capabilities Port (ECP). Through the printer port
interface pins, also available are: Extension FDD Mode and Extension 2FDD Mode allowing one or two
external floppy disk drives to be connected.
The configuration registers support mode selection, function enable/disable, and power down function
selection. Furthermore, the configurable PnP features are compatible with the plug-and-play feature
demand of Windows 95/98TM, which makes system resource allocation more efficient than ever.
W83637HF/HG provides functions that comply with ACPI (Advanced Configuration and Power
Interface), which includes support of legacy and ACPI power management through PME# or PSOUT#
function pins. For OnNow keyboard Wake-Up, OnNow mouse Wake-Up, and OnNow CIR Wake-Up.
W83637HF/HG also has auto power management to reduce the power consumption.
The keyboard controller is based on 8042 compatible instruction set with a 2K Byte programmable
ROM and a 256-Byte RAM bank. Keyboard BIOS firmware are available with optional AMIKEY
TM
-
2,
Phoenix MultiKey/42
TM, or customer code.


Similar Part No. - W83637HG

ManufacturerPart #DatasheetDescription
logo
Winbond
W83637HF WINBOND-W83637HF Datasheet
936Kb / 149P
   LPC I/O
W83637HF-AW WINBOND-W83637HF-AW Datasheet
936Kb / 149P
   LPC I/O
More results

Similar Description - W83637HG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG Datasheet
1Mb / 250P
   LPC I/O
logo
Winbond
W83697HF WINBOND-W83697HF_05 Datasheet
789Kb / 102P
   LPC I/O
logo
Nuvoton Technology Corp...
NCT5577D NUVOTON-NCT5577D Datasheet
3Mb / 327P
   LPC I/O
W83527HG NUVOTON-W83527HG Datasheet
1Mb / 170P
   LPC I/O
logo
Winbond
W83697UF WINBOND-W83697UF Datasheet
503Kb / 67P
   LPC I/O
W83637HF WINBOND-W83637HF Datasheet
936Kb / 149P
   LPC I/O
logo
Nuvoton Technology Corp...
NCT6102D NUVOTON-NCT6102D Datasheet
12Mb / 455P
   LPC I/O
NCT6776F NUVOTON-NCT6776F Datasheet
4Mb / 449P
   LPC I/O
logo
Winbond
W83627EHF_0611 WINBOND-W83627EHF_0611 Datasheet
1Mb / 144P
   WINBOND LPC I/O
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG_10 Datasheet
1Mb / 251P
   NUVOTON LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com