Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSL202SN Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSL202SN
Description  OptiMOS2 Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL202SN Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSL202SN Datasheet HTML 1Page - Infineon Technologies AG BSL202SN Datasheet HTML 2Page - Infineon Technologies AG BSL202SN Datasheet HTML 3Page - Infineon Technologies AG BSL202SN Datasheet HTML 4Page - Infineon Technologies AG BSL202SN Datasheet HTML 5Page - Infineon Technologies AG BSL202SN Datasheet HTML 6Page - Infineon Technologies AG BSL202SN Datasheet HTML 7Page - Infineon Technologies AG BSL202SN Datasheet HTML 8Page - Infineon Technologies AG BSL202SN Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BSL202SN
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
863
1147
pF
Output capacitance
C oss
-
278
370
Reverse transfer capacitance
Crss
-40
60
Turn-on delay time
t d(on)
-
8.26
-
ns
Rise time
t r
-
27.5
-
Turn-off delay time
t d(off)
-
18.9
-
Fall time
t f
-
4.06
-
Gate Charge Characteristics
Gate to source charge
Q gs
-
1.82
2.42
nC
Gate to drain charge
Q gd
-
1.1
1.6
Gate charge total
Q g
-
5.8
8.7
Gate plateau voltage
V plateau
-2
-
V
Reverse Diode
Diode continous forward current
I S
--
2
A
Diode pulse current
I S,pulse
--
30
Diode forward voltage
V SD
V GS=0 V, I F=7.5 A,
T j=25 °C
-
0.8
1.2
V
Reverse recovery time
t rr
-
14.7
-
ns
Reverse recovery charge
Q rr
-
4.62
-
nC
V R=10 V, I F=7.5 A,
di F/dt =100 A/µs
T A=25 °C
Values
V GS=0 V, V DS=10 V,
f =1 MHz
V DD=10 V, V GS=4.5 V,
I D=7.5 A, R G=6 Ω
V DD=10 V, I D=7.5 A,
V GS=0 to 4.5 V
Rev 1.07
page 3
2010-03-26


Similar Part No. - BSL202SN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL205N INFINEON-BSL205N Datasheet
452Kb / 9P
   OptiMOS2 Small-Signal-Transistor
Rev 2.2 2010-03-26
BSL205N INFINEON-BSL205N Datasheet
320Kb / 9P
   OptiMOS짰2 Small-Signal-Transistor
Rev 2.3 2013-11-06
BSL205N INFINEON-BSL205N_13 Datasheet
320Kb / 9P
   OptiMOS짰2 Small-Signal-Transistor
Rev 2.3 2013-11-06
BSL207N INFINEON-BSL207N Datasheet
206Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-29
BSL207N INFINEON-BSL207N Datasheet
352Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.3 2013-11-06
More results

Similar Description - BSL202SN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL302SN INFINEON-BSL302SN Datasheet
185Kb / 9P
   OptiMOS2 Small-Signal-Transistor
1.06 2010-03-26
BSR202N INFINEON-BSR202N Datasheet
188Kb / 9P
   OptiMOS2 Small-Signal-Transistor
Rev. 1.07 2010-03-25
BSL302SN INFINEON-BSL302SN_14 Datasheet
349Kb / 9P
   OptiMOS2 Small-Signal-Transistor
2.0 2014-01-09
logo
TY Semiconductor Co., L...
BSS806N TYSEMI-BSS806N Datasheet
160Kb / 3P
   OptiMOS2 Small-Signal-Transistor
logo
Infineon Technologies A...
BSL205N INFINEON-BSL205N Datasheet
452Kb / 9P
   OptiMOS2 Small-Signal-Transistor
Rev 2.2 2010-03-26
BSR302N INFINEON-BSR302N Datasheet
188Kb / 9P
   OptiMOS2 Small-Signal-Transistor
Rev. 1.2 2010-03-25
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com