Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83602G Datasheet(PDF) 10 Page - Winbond

Part # W83602G
Description  Winbond GPI/O IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83602G Datasheet(HTML) 10 Page - Winbond

Back Button W83602G Datasheet HTML 6Page - Winbond W83602G Datasheet HTML 7Page - Winbond W83602G Datasheet HTML 8Page - Winbond W83602G Datasheet HTML 9Page - Winbond W83602G Datasheet HTML 10Page - Winbond W83602G Datasheet HTML 11Page - Winbond W83602G Datasheet HTML 12Page - Winbond W83602G Datasheet HTML 13Page - Winbond W83602G Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
W83601R/G/W83602R/G
- 10 -
CR10 (GP Port1: Interrupt Status Register, Default 0x00, Read Only)
Bit 7-0: = 1, a transition occurs at pin GP17-GP10.
If GP17/INT is selected as interrupt function, bit 7 of this register will always be 0.
A read to this register will clear this register.
CR11 (GP Port2: Interrupt Status Register, Default 0x00, Read Only)
Bit 7: = Reserved.
Bit 6-0: = 1, a transition occurs at pin GP26-GP20.
If GP26/INT is selected as interrupt function, bit 6 of this register will always be 0.
A read to this register will clear this register.
CR12 (GP Port 1: Interrupt Enable Register, Default 0x00, Read / Write)
Bit 7-0: = 0, disable GP17-GP10 interrupt output when interrupt function is selected.
CR13 (GP Port 2: Interrupt Enable Register, Default 0x00, Read / Write)
Bit 7-5: = Reserved.
Bit 6-0: = 0, disable GP26-GP20 interrupt output when interrupt function is selected.
CR14 Mode Configuration Register (Default 0x00, Read / Write)
Bit 7: = 1, Set GP/INT pin as INT function. 0, Set GP/INT pin as GP function.
Bit 6: = 1, Set INT function at GP26 (pin 12). 0, Set INT function at GP17 (pin 18).
W83602R/G INT function is only at GP17.
Bit 5: = 1, Set INT output pin as pulse mode. 0, set INT output pin as level mode.
Bit 4: = 1, Set INT output pin polarity is 1 (normal high) . 0, set INT output pin polarity is 0 (normal low).
This bit is only for W83601R.
Bit 3: = 1, Port 2 (CR09h-CR0Ch, CR11h, CR13h) registers can be reset to default data by RST# pin. 0
Port 2 (CR09h-CR0Ch) can not be reset by RST# pin.
Bit 2: = 1, Port 1 (CR01h-CR04h, CR10h, CR12h) registers can be reset to default data by RST# pin. 0,
Port 1 (CR01h-CR04h) can not be reset by RST# pin.
Bit 1: = 1, Port 2 CR0Dh can be latched not only by RST# pin but also power-on period. 0, Port 2
CR0Dh can only be latched by power-on period.
Bit 0: = 1, Port 1 CR05h can be latched not only by RST# pin but also power-on period. 0, Port 1
CR05h can only be latched by power-on period.


Similar Part No. - W83602G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83602R WINBOND-W83602R Datasheet
194Kb / 17P
   Winbond SMBus GPI/O
W83602R WINBOND-W83602R Datasheet
223Kb / 18P
   WINBOND GPI/O IC
More results

Similar Description - W83602G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83601R602R WINBOND-W83601R602R Datasheet
223Kb / 18P
   WINBOND GPI/O IC
W83601R WINBOND-W83601R Datasheet
194Kb / 17P
   Winbond SMBus GPI/O
W83601GR WINBOND-W83601GR_07 Datasheet
431Kb / 19P
   GPI/O IC
logo
Nuvoton Technology Corp...
W83601G NUVOTON-W83601G Datasheet
425Kb / 19P
   Nuvoton GPI/O Expander
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com