Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83602R Datasheet(PDF) 8 Page - Winbond

Part # W83602R
Description  Winbond GPI/O IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83602R Datasheet(HTML) 8 Page - Winbond

Back Button W83602R Datasheet HTML 4Page - Winbond W83602R Datasheet HTML 5Page - Winbond W83602R Datasheet HTML 6Page - Winbond W83602R Datasheet HTML 7Page - Winbond W83602R Datasheet HTML 8Page - Winbond W83602R Datasheet HTML 9Page - Winbond W83602R Datasheet HTML 10Page - Winbond W83602R Datasheet HTML 11Page - Winbond W83602R Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
W83601R/G/W83602R/G
- 8 -
7.2
W83601R/G/W83602R/G Registers Descriptions
CR00 (GP Port 1: Input port Data Register, Default 0x--, Read Only)
This register is a data port for input only. It reflects the incoming logic levels of the pins whether the pin is
defined as an input mode by CR03. It will be inverted data by CR02.
Bit 7 ~ 0: GP17 ~ GP10 Input Data Port.
CR01 (GP Port 1: Output port Data Register, Default 0x00, Read/Write)
This register is a data port for output only. It reflects the outgoing logic levels of the pins whether the pin
is defined as an output mode by CR03. This register will reflect the value of output Flip-flop while read
access. The output data will be inverted or changed output style by CR02 or CR04.
Bit 7 ~ 0: GP17 ~ GP10 Output Data Port.
CR02 (GP Port 1: Polarity Inversion Register, Default 0xf0, Read / Write)
This register enables polarity inversion of pins defined as input or output by CR03.
When set to a "1", the incoming/outgoing port value is inverted.
When set to a "0", the incoming/outgoing port value is the same as in data register.
Bit 7 ~ 0: GP17 ~ GP10 Polarity Iversion Register.
CR03 (GP Port 1: Input/Output Configuration Register, Default 0xff, Read / Write)
This register selects Input or Output mode of pins.
When set to a "1", respective GPIO port is programmed as an input port.
When set to a "0", respective GPIO port is programmed as an output port.
Bit 7 ~ 0: GP17 ~ GP10 Input/Output Configuration Register.
CR04 (GP Port 1: Output Style Control Register, Default 0x00, Read / Write)
This register selects Output style of pins as level or pulse.
When set to a "1", respective GPIO port is programmed as a pulse signal.
When set to a "0", respective GPIO port is programmed as a level signal.
Bit 7 ~ 0: GP17 ~ GP10 Output Style Control Register.
CR05 (GP Port 1: Input latched data Register, Default 0x--, Read Only)
This register will latch Port 1 data while power on or RST# pin low, which is controlled by CR14h bit 0.
Bit 7 ~ 0: GP17 ~ GP10 Input latched data.
CR06-07 Reserved Register


Similar Part No. - W83602R

ManufacturerPart #DatasheetDescription
logo
Winbond
W83602R WINBOND-W83602R Datasheet
194Kb / 17P
   Winbond SMBus GPI/O
W83602R WINBOND-W83602R Datasheet
223Kb / 18P
   WINBOND GPI/O IC
More results

Similar Description - W83602R

ManufacturerPart #DatasheetDescription
logo
Winbond
W83601R602R WINBOND-W83601R602R Datasheet
223Kb / 18P
   WINBOND GPI/O IC
W83601R WINBOND-W83601R Datasheet
194Kb / 17P
   Winbond SMBus GPI/O
W83601GR WINBOND-W83601GR_07 Datasheet
431Kb / 19P
   GPI/O IC
logo
Nuvoton Technology Corp...
W83601G NUVOTON-W83601G Datasheet
425Kb / 19P
   Nuvoton GPI/O Expander
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com