Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPA60R520C6 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPA60R520C6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R520C6 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPA60R520C6 Datasheet HTML 2Page - Infineon Technologies AG IPA60R520C6 Datasheet HTML 3Page - Infineon Technologies AG IPA60R520C6 Datasheet HTML 4Page - Infineon Technologies AG IPA60R520C6 Datasheet HTML 5Page - Infineon Technologies AG IPA60R520C6 Datasheet HTML 6Page - Infineon Technologies AG IPA60R520C6 Datasheet HTML 7Page - Infineon Technologies AG IPA60R520C6 Datasheet HTML 8Page - Infineon Technologies AG IPA60R520C6 Datasheet HTML 9Page - Infineon Technologies AG IPA60R520C6 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
600V CoolMOS™ C6 Power Transistor
IPx60R520C6
Electrical characteristics
Final Data Sheet
6
Rev. 2.0, 2009-09-17
4
Electrical characteristics
Electrical characteristics, at
Tj=25 °C, unless otherwise specified.
Table 6
Static characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Drain-source breakdown voltage
V
(BR)DSS
600
-
-
V
V
GS=0 V, ID=0.25 mA
Gate threshold voltage
V
GS(th)
2.5
3
3.5
V
DS=VGS, ID=0.23mA
Zero gate voltage drain current
I
DSS
--
1
µA
V
DS=600 V, VGS=0 V,
T
j=25 °C
-10
-
V
DS=600 V, VGS=0 V,
T
j=150 °C
Gate-source leakage current
I
GSS
-
-
100
nA
V
GS=20 V, VDS=0 V
Drain-source on-state resistance
R
DS(on)
-0.47
0.52
V
GS=10 V, ID=2.8 A,
T
j=25 °C
-1.22
-
V
GS=10 V, ID=2.8A,
T
j=150 °C
Gate resistance
R
G
-17.5
-
f=1 MHz, open drain
Table 7
Dynamic characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Input capacitance
C
iss
-512
-
pF
V
GS=0 V, VDS=100 V,
f=1 MHz
Output capacitance
C
oss
-35
-
Effective output capacitance,
energy related1)
1)
C
o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V(BR)DSS
C
o(er)
-23
-
V
GS=0 V,
V
DS=0...480 V
Effective output capacitance, time
related2)
2)
C
o(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% V(BR)DSS
C
o(tr)
-100
-
I
D=constant, VGS=0 V
V
DS=0...480V
Turn-on delay time
t
d(on)
-13
-
ns
V
DD=400 V,
V
GS=13 V, ID=3.5 A,
R
G=6.8 
(see table 20)
Rise time
t
r
-10
-
Turn-off delay time
t
d(off)
-85
-
Fall time
t
f
-14
-


Similar Part No. - IPA60R520C6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPA60R520C6 ISC-IPA60R520C6 Datasheet
267Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPA60R520C6 INFINEON-IPA60R520C6 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
More results

Similar Description - IPA60R520C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com