Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSC084P03NS3G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSC084P03NS3G
Description  OptiMOS P3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC084P03NS3G Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSC084P03NS3G Datasheet HTML 1Page - Infineon Technologies AG BSC084P03NS3G Datasheet HTML 2Page - Infineon Technologies AG BSC084P03NS3G Datasheet HTML 3Page - Infineon Technologies AG BSC084P03NS3G Datasheet HTML 4Page - Infineon Technologies AG BSC084P03NS3G Datasheet HTML 5Page - Infineon Technologies AG BSC084P03NS3G Datasheet HTML 6Page - Infineon Technologies AG BSC084P03NS3G Datasheet HTML 7Page - Infineon Technologies AG BSC084P03NS3G Datasheet HTML 8Page - Infineon Technologies AG BSC084P03NS3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSC084P03NS3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - case
R thJC
-
-
1.8
K/W
Thermal resistance,
junction - ambient
R thJA
6 cm
2 cooling area2)
--
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=-250µA
-30
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=-105 µA
-3.1
-2.5
-1.9
Zero gate voltage drain current
I DSS
V DS=-30 V, V GS=0 V,
T j=25 °C
-
-
-1
µA
V DS=-30 V, V GS=0 V,
T j=125 °C
-
-
-100
Gate-source leakage current
I GSS
V GS=-25 V, V DS=0 V
-
-
-100
nA
Drain-source on-state resistance
R DS(on)
V GS=-6 V, I D=-30 A
-
8.4
14.0
m
V GS=-10 V, I D=-50 A
-
6.1
8.4
Gate resistance
R G
-
2.2
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=-50 A
33
66
-
S
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
3) See Fig. 3
Rev. 2.1
page 2
2009-11-16


Similar Part No. - BSC084P03NS3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC084P03NS3G INFINEON-BSC084P03NS3G Datasheet
33Kb / 1P
   Material Content Data Sheet
4. September 2015
BSC084P03NS3G INFINEON-BSC084P03NS3G_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
4. September 2015
More results

Similar Description - BSC084P03NS3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ086P03NS3G INFINEON-BSZ086P03NS3G Datasheet
303Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.02 2009-11-16
BSZ120P03NS3EG INFINEON-BSZ120P03NS3EG Datasheet
303Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.1 2009-11-16
BSZ086P03NS3EG INFINEON-BSZ086P03NS3EG Datasheet
307Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.02 2009-11-16
BSZ180P03NS3EG INFINEON-BSZ180P03NS3EG Datasheet
304Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.1 2009-11-16
BSC060P03NS3EG INFINEON-BSC060P03NS3EG Datasheet
290Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.1 2009-11-16
BSC084P03NS3EG INFINEON-BSC084P03NS3EG Datasheet
290Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.1 2009-11-16
BSC030P03NS3G INFINEON-BSC030P03NS3G Datasheet
311Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.1 2009-11-16
BSL308PE INFINEON-BSL308PE Datasheet
246Kb / 9P
   OptiMOS??P3 Small-Signal-Transistor
Rev 2.02 2010-03-29
logo
ZP Semiconductor
BSS308PE ZPSEMI-BSS308PE Datasheet
262Kb / 3P
   OptiMOS??P3 Small-Signal-Transistor
logo
Infineon Technologies A...
BSL308C INFINEON-BSL308C Datasheet
291Kb / 13P
   OptiMOS??P3 Optimos??2 Small Signal Transistor
Rev.2.0 2009-03-31
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com