Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54328DDA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54328DDA
Description  4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54328DDA Datasheet(HTML) 2 Page - Texas Instruments

  TPS54328DDA Datasheet HTML 1Page - Texas Instruments TPS54328DDA Datasheet HTML 2Page - Texas Instruments TPS54328DDA Datasheet HTML 3Page - Texas Instruments TPS54328DDA Datasheet HTML 4Page - Texas Instruments TPS54328DDA Datasheet HTML 5Page - Texas Instruments TPS54328DDA Datasheet HTML 6Page - Texas Instruments TPS54328DDA Datasheet HTML 7Page - Texas Instruments TPS54328DDA Datasheet HTML 8Page - Texas Instruments TPS54328DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPS54328
SLVSAN2 – NOVEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TRANSPORT
TA
PACKAGE(2) (3)
ORDERABLE PART NUMBER
PIN
MEDIA
TPS54328DDA
Tube
–45°C to 85°C
DDA
8
TPS54328DDAR
Tape and Reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
All package options have Cu NIPDAU lead/ball finish.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
VIN, EN
–0.3
20
VBST
–0.3
26
VBST (10 ns transient)
–0.3
28
Input voltage range VBST (vs SW)
–0.3
6.5
V
VFB, SS
–0.3
6.5
SW
–2
20
SW (10 ns transient)
–3
22
VREG5
–0.3
6.5
Output voltage
V
range
GND
–0.3
0.3
Voltage from GND to thermal pad, Vdiff
–0.2
0.2
V
Human Body Model (HBM)
2
kV
Electrostatic
discharge
Charged Device Model (CDM)
500
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–55
150
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS54328
THERMAL METRIC(1)
UNITS
DDA (8 PINS)
qJA
Junction-to-ambient thermal resistance
42.1
qJCtop
Junction-to-case (top) thermal resistance
50.9
qJB
Junction-to-board thermal resistance
31.8
°C/W
yJT
Junction-to-top characterization parameter
5
yJB
Junction-to-board characterization parameter
13.5
qJCbot
Junction-to-case (bottom) thermal resistance
7.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS54328


Similar Part No. - TPS54328DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54328DDA TI1-TPS54328DDA Datasheet
1Mb / 29P
[Old version datasheet]   TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS54328DDAR TI1-TPS54328DDAR Datasheet
1Mb / 29P
[Old version datasheet]   TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
More results

Similar Description - TPS54328DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI1-TPS54326_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
TPS54326 TI-TPS54326_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54328 TI-TPS54328_15 Datasheet
1Mb / 27P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com