Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83195WG-382 Datasheet(PDF) 10 Page - Winbond

Part # W83195WG-382
Description  Winbond Clock Generator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195WG-382 Datasheet(HTML) 10 Page - Winbond

Back Button W83195WG-382 Datasheet HTML 6Page - Winbond W83195WG-382 Datasheet HTML 7Page - Winbond W83195WG-382 Datasheet HTML 8Page - Winbond W83195WG-382 Datasheet HTML 9Page - Winbond W83195WG-382 Datasheet HTML 10Page - Winbond W83195WG-382 Datasheet HTML 11Page - Winbond W83195WG-382 Datasheet HTML 12Page - Winbond W83195WG-382 Datasheet HTML 13Page - Winbond W83195WG-382 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
W83195WG-382/W83195CG-382
STEPLESS FOR ATI K8 CLOCK GENERATOR
Publication Release Date: Feb 2006
- 6 -
Revision 0.6
7.
I
2C CONTROL AND STATUS REGISTERS
(The register No. is increased by 1 if use byte data read/write protocol)
7.1
Register 0: ( Default : 00h )
BIT
AFFECTED PIN/
FUNCTION NAME(S)
PWD
AFFECTED PIN / FUNCTION DESCRIPTION
TYPE
7
SSEL<4>
0
6
SSEL<3>
0
5
SSEL<2>
0
4
SSEL<1>
0
3
SSEL<0>
0
Software frequency table selection through I
2C
R/W
2
EN_SSEL
0
Enable software table selection FS[4:0].
0 = Hardware table setting (Jump mode).
1 = Software table setting through Bit7~3 .
(Jumpless mode)
R/W
1
SPSPEN
0
Enable spread spectrum mode under clock
output.
0 = Spread Spectrum mode disable
1 = Spread Spectrum mode enable
R/W
0
EN_SAFE_FREQ
0
After watchdog timeout
0 = Reload the hardware FS [4:0] latched
pins setting.
1 = Reload the desirable frequency table
selection defined at Reg-5 Bit 4~0.
R/W
7.2
Register 1: ( Default : XXh)
BIT
AFFECTED PIN/
FUNCTION NAME(S)
PWD
FUNCTION DESCRIPTION
TYPE
7
Reserved
1
Reserved
R/W
6
CPUEN<1>
1
CPUCLKT1/C1 output control
1: Enable
0: Disable
R/W
5
CPUEN<0>
1
CPUCLKT0/C0 output control
1: Enable
0: Disable
R/W
4
Reserved
X
Reserved
R
3
Reserved
X
Reserved
R
2
FS2_BACK
X
Power on latched value of FS2 pin. Default : 0
R
1
FS1_BACK
X
Power on latched value of FS1 pin. Default : 0
R
0
FS0_BACK
X
Power on latched value of FS0 pin. Default : 0
R


Similar Part No. - W83195WG-382

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195WG-301 WINBOND-W83195WG-301 Datasheet
258Kb / 27P
   Winbond Clock Generator
More results

Similar Description - W83195WG-382

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195CG-NP WINBOND-W83195CG-NP Datasheet
556Kb / 23P
   Winbond Clock Generator
W83195WG-413 WINBOND-W83195WG-413 Datasheet
254Kb / 27P
   Winbond Clock Generator
W83195WG-301 WINBOND-W83195WG-301 Datasheet
258Kb / 27P
   Winbond Clock Generator
W83115RG-BW WINBOND-W83115RG-BW Datasheet
357Kb / 30P
   Winbond Clock Generator
W83195WG-416 WINBOND-W83195WG-416 Datasheet
255Kb / 27P
   Winbond Clock Generator
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
logo
Nuvoton Technology Corp...
W83195CG-NP NUVOTON-W83195CG-NP Datasheet
411Kb / 26P
   Winbond Clock Generator W83195CG-NP For Intel Napa Platform
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com