Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSB019N03LXG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSB019N03LXG
Description  OptiMOS2 Power-MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSB019N03LXG Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSB019N03LXG Datasheet HTML 1Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 2Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 3Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 4Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 5Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 6Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 7Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 8Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BSB019N03LX G
OptiMOSTM2 Power-MOSFET
Features
• Pb-free plating; RoHS compliant
• Dual sided cooling
• Low profile (<0.7 mm)
• Avalanche rated
• Qualified for consumer level application
• Excellent gate charge x R DS(on) product (FOM)
• Very low on-resistance R DS(on)
• Optimized for high switching frequency DC/DC converter
• Low parasitic inductance
• Compatible with DirectFET® package MX footprint and outline
1)
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
V GS=10 V, T C=25 °C
174
A
V GS=10 V, T C=100 °C
110
V GS=10 V, T A=25 °C,
R thJA=45 K/W
2)
31
Pulsed drain current
3)
I D,pulse
T C=25 °C
400
Avalanche current, single pulse
4)
I AS
T C=25 °C
50
Avalanche energy, single pulse
E AS
I D=50 A, R GS=25 Ω
290
mJ
Gate source voltage
V GS
±20
V
Value
1) CanPAKTM uses DirectFET ® technology licensed from International Rectifier Corporation. DirectFET® is a registered
trademark of International Rectifier Corporation.
V DS
30
V
R DS(on),max
1.9
m
I D
174
A
Product Summary
Type
Package
Outline
Marking
BSB019N03LX G
2)
MG-WDSON-2
MX
1003
MG-WDSON-2
Rev. 2.0
page 1
2009-05-11


Similar Part No. - BSB019N03LXG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB012N03LX3G INFINEON-BSB012N03LX3G Datasheet
292Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.1 2009-11-17
BSB012NE2LX INFINEON-BSB012NE2LX Datasheet
1Mb / 13P
   n-Channel Power MOSFET
V 2.0, 2011-03-18 Final
BSB012NE2LXI INFINEON-BSB012NE2LXI Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2015-09-09
BSB013NE2LXI INFINEON-BSB013NE2LXI Datasheet
1Mb / 13P
   n-Channel Power MOSFET
V2.0, 2011-03-18 Final
BSB013NE2LXI INFINEON-BSB013NE2LXI Datasheet
609Kb / 11P
   OptiMOSTM Power-MOSFET
Rev. 2.4 2013-02-12
More results

Similar Description - BSB019N03LXG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSF053N03LTG INFINEON-BSF053N03LTG Datasheet
297Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSB053N03LPG INFINEON-BSB053N03LPG Datasheet
288Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSF083N03LQG INFINEON-BSF083N03LQG Datasheet
294Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSB024N03LXG INFINEON-BSB024N03LXG Datasheet
290Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com