Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83176R-400 Datasheet(PDF) 7 Page - Winbond

Part # W83176R-400
Description  Winbond Current Mode Differential Buffer for PCI Express and SATA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83176R-400 Datasheet(HTML) 7 Page - Winbond

Back Button W83176R-400 Datasheet HTML 3Page - Winbond W83176R-400 Datasheet HTML 4Page - Winbond W83176R-400 Datasheet HTML 5Page - Winbond W83176R-400 Datasheet HTML 6Page - Winbond W83176R-400 Datasheet HTML 7Page - Winbond W83176R-400 Datasheet HTML 8Page - Winbond W83176R-400 Datasheet HTML 9Page - Winbond W83176R-400 Datasheet HTML 10Page - Winbond W83176R-400 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
W83176R-400/W83176G-400
CURRENT MODE DIFFERENTIAL BUFFER FOR PCI EXPRESS AND SATA
- 4 -
6. I2C CONTROL AND STATUS REGISTERS
6.1 Register 0: Control Register (Default: 07h)
BIT
NAME
PWD
DESCRIPTION
7
PD_DM
0
PD# Drive mode, 0:driven, 1:Hi-Z
6
SRC_ST_DM
0
SRC_STOP Drive mode, 0:driven, 1:Hi-Z
5
SEL_SRCDIV
0
0:control by pin, 1:control by I2C
4
SEL_NORMAL
0
0:control by pin, 1:control by I2C
3
SEL_PLLBW
0
0:control by pin, 1:control by I2C
2
PLL_BW_ ADJ
1
0:High BW, 1:Low BW
1
NORMAL#/PLL
1
0:Normal buffer, 1:PLL mode
0
SRC_DIV#
1
0:Divided by 2 mode, 1:Normal (output=input)
6.2 Register 1: Control Register (Default: FFh)
BIT
NAME
PWD
DESCRIPTION
7
Reserved
1
Reserved
6
DIF6_EN
1
0:Disabled (Hi-Z), 1:Enable
5
DIF5_EN
1
0:Disabled (Hi-Z), 1:Enable
4
Reserved
1
Reserved
3
Reserved
1
Reserved
2
DIF2_EN
1
0:Disabled (Hi-Z), 1:Enable
1
DIF1_EN
1
0:Disabled (Hi-Z), 1:Enable
0
Reserved
1
Reserved
6.3 Register 2: Control Register (Default: 00h)
BIT
NAME
PWD
DESCRIPTION
7
Reserved
0
Reserved
6
DIF6STOP_EN
0
0:Free-run, 1:Stoppable
5
DIF5STOP_EN
0
0:Free-run, 1:Stoppable
4
Reserved
0
Reserved
3
Reserved
0
Reserved
2
DIF2STOP_EN
0
0:Free-run, 1:Stoppable
1
DIF1STOP_EN
0
0:Free-run, 1:Stoppable
0
Reserved
0
Reserved


Similar Part No. - W83176R-400

ManufacturerPart #DatasheetDescription
logo
Winbond
W83176R-401 WINBOND-W83176R-401 Datasheet
264Kb / 14P
   Winbond Current Mode Differential Buffer for PCI Express and SATA
More results

Similar Description - W83176R-400

ManufacturerPart #DatasheetDescription
logo
Winbond
W83176R-401 WINBOND-W83176R-401 Datasheet
264Kb / 14P
   Winbond Current Mode Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28401 CYPRESS-CY28401_05 Datasheet
233Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
Silicon Laboratories
SL28DB200 SILABS-SL28DB200 Datasheet
127Kb / 8P
   100 MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28800 SPECTRALINEAR-CY28800 Datasheet
210Kb / 15P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 SPECTRALINEAR-CY28401 Datasheet
180Kb / 13P
   100 MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com