Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W6811 Datasheet(PDF) 10 Page - Winbond

Part # W6811
Description  SINGLE-CHANNEL VOICEBAND CODEC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6811 Datasheet(HTML) 10 Page - Winbond

Back Button W6811_05 Datasheet HTML 6Page - Winbond W6811_05 Datasheet HTML 7Page - Winbond W6811_05 Datasheet HTML 8Page - Winbond W6811_05 Datasheet HTML 9Page - Winbond W6811_05 Datasheet HTML 10Page - Winbond W6811_05 Datasheet HTML 11Page - Winbond W6811_05 Datasheet HTML 12Page - Winbond W6811_05 Datasheet HTML 13Page - Winbond W6811_05 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
W6811
Publication Release Date: September, 2005
- 10 -
Revision A12
7.3. POWER MANAGEMENT
7.3.1. Analog Supply
The power supply for the analog part of the W6811 needs to be 5V +/- 10%. This supply voltage is
connected to the VDDA pin. The VDDA pin needs to be decoupled to ground through a 0.1 μF ceramic
capacitor.
7.3.2. Digital Supply
The power supply for the digital part of the W6811 needs to be 3V +/- 10%. This supply voltage is
connected to the VDDD pin. The VDDD pin needs to be decoupled to ground through a 0.1 μF ceramic
capacitor.
7.3.3. Analog Ground Reference Bypass
The system has an internal precision voltage reference which generates the 2.5V mid-supply analog
ground voltage. This voltage needs to be decoupled to VSSA at the VREF pin through a 0.1 μF ceramic
capacitor.
7.3.4. Analog Ground Reference Voltage Output
The analog ground reference voltage is available for external reference at the VAG pin. This voltage
needs to be decoupled to VSSA through a 0.01 μF ceramic capacitor. The analog ground reference
voltage is generated from the voltage on the VREF pin and is also used for the internal signal
processing.
7.4. PCM INTERFACE
The PCM interface is controlled by pins BCLKR, FSR, BCLKT & FST. The input data is received
through the PCMR pin and the output data is transmitted through the PCMT pin. The modes of
operation of the interface are shown in Table 7.3.
BCLKR
FSR
Interface Mode
64 kHz to 4.096
MHz
8 kHz
Long or Short Frame Sync
VSSD
VSSD
ISDN GCI with active channel B1
VSSD
VDDD
ISDN GCI with active channel B2
VDDD
VSSD
ISDN IDL with active channel B1
VDDD
VDDD
ISDN IDL with active channel B2
Table 7.3 PCM Interface mode selections
7.4.1. Long Frame Sync
The Long Frame Sync or Short Frame Sync interface mode can be selected by connecting the BCLKR
or BCLKT pin to a 64 kHz to 4.096 MHz clock and connecting the FSR or FST pin to the 8 kHz frame
sync. The device synchronizes the data word for the PCM interface and the CODEC sample rate on
the positive edge of the Frame Sync signal. It recognizes a Long Frame Sync when the FST pin is


Similar Part No. - W6811_05

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811IE WINBOND-W6811IE Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811IR WINBOND-W6811IR Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W6811IRG NUVOTON-W6811IRG Datasheet
872Kb / 33P
   W6811 SINGLE CHANNEL VOICECODEC
logo
Winbond
W6811IS WINBOND-W6811IS Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W6811ISG NUVOTON-W6811ISG Datasheet
872Kb / 33P
   W6811 SINGLE CHANNEL VOICECODEC
More results

Similar Description - W6811_05

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W6810 WINBOND-W6810_06 Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
   3V SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com