Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR405U Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCR405U
Description  LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR405U Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCR405U Datasheet HTML 1Page - Infineon Technologies AG BCR405U Datasheet HTML 2Page - Infineon Technologies AG BCR405U Datasheet HTML 3Page - Infineon Technologies AG BCR405U Datasheet HTML 4Page - Infineon Technologies AG BCR405U Datasheet HTML 5Page - Infineon Technologies AG BCR405U Datasheet HTML 6Page - Infineon Technologies AG BCR405U Datasheet HTML 7Page - Infineon Technologies AG BCR405U Datasheet HTML 8Page - Infineon Technologies AG BCR405U Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2009-07-31
4
BCR405U
Total power dissipation
Ptot = f (TS)
0
20
40
60
80
100
120 °C
150
TS
0
100
200
300
400
500
600
700
800
mW
1000
Permissible Pulse Load
RthJS = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Similar Part No. - BCR405U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR405U INFINEON-BCR405U Datasheet
197Kb / 8P
   Light Emitting Diode (LED) Driver IC Provides Constant LED Current Independent of Supply Voltage Variation
16-Jan-2004
logo
Diodes Incorporated
BCR405UW6 DIODES-BCR405UW6 Datasheet
406Kb / 7P
   50 to 100mA LED CONSTANT CURRENT REGULATOR in SOT26
BCR405UW6 DIODES-BCR405UW6 Datasheet
456Kb / 13P
   LED CONSTANT CURRENT REGULATOR
BCR405UW6Q DIODES-BCR405UW6Q Datasheet
674Kb / 13P
   LED CONSTANT CURRENT REGULATOR
BCR405UW6Q-7 DIODES-BCR405UW6Q-7 Datasheet
674Kb / 13P
   LED CONSTANT CURRENT REGULATOR
More results

Similar Description - BCR405U

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com