Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR400W Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BCR400W
Description  Active Bias Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR400W Datasheet(HTML) 5 Page - Infineon Technologies AG

  BCR400W Datasheet HTML 1Page - Infineon Technologies AG BCR400W Datasheet HTML 2Page - Infineon Technologies AG BCR400W Datasheet HTML 3Page - Infineon Technologies AG BCR400W Datasheet HTML 4Page - Infineon Technologies AG BCR400W Datasheet HTML 5Page - Infineon Technologies AG BCR400W Datasheet HTML 6Page - Infineon Technologies AG BCR400W Datasheet HTML 7Page - Infineon Technologies AG BCR400W Datasheet HTML 8Page - Infineon Technologies AG BCR400W Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2007-05-29
5
BCR400W
Total power dissipation Ptot = f (TS)
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
250
300
mW
400
Note that up to TS=115°C
it is not possible to exceed Ptot
respecting the maximum
ratings of VS and IContr.
The collector or drain
current (respectively) of
the stabilized RF transistor
does not affect BCR 400
directly, as it provides just the
base current.
Typical application for GaAs FET
with active bias controller
EHA07190
400
BCR
4
3
1
2
+ S
V
R ext
100 pF
VG
-
k
100
100 k
1 nF
RF IN
RF OUT


Similar Part No. - BCR400W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR400W SIEMENS-BCR400W Datasheet
93Kb / 7P
   Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
94Kb / 3P
   Application Considerations for the Integrated Bias Control Circuits
2000-07-27
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
   Active Bias Controller
Aug-07-2001
More results

Similar Description - BCR400W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
   Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
   Active Bias Controller
Dec-21-2001
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
   Active Bias Controller
2007-05-29
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
HMC981 AD-HMC981 Datasheet
871Kb / 18P
   ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
   ACTIVE BIAS CONTROLLER
logo
Hittite Microwave Corpo...
HMC981 HITTITE-HMC981 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
HMC920LP5E HITTITE-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
HMC981LP3E HITTITE-HMC981LP3E Datasheet
1Mb / 17P
   ACTIVE BIAS CONTROLLER
HMC980 HITTITE-HMC980_12 Datasheet
1Mb / 20P
   Active Bias Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com