Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR320U Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BCR320U
Description  LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR320U Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BCR320U Datasheet HTML 3Page - Infineon Technologies AG BCR320U Datasheet HTML 4Page - Infineon Technologies AG BCR320U Datasheet HTML 5Page - Infineon Technologies AG BCR320U Datasheet HTML 6Page - Infineon Technologies AG BCR320U Datasheet HTML 7Page - Infineon Technologies AG BCR320U Datasheet HTML 8Page - Infineon Technologies AG BCR320U Datasheet HTML 9Page - Infineon Technologies AG BCR320U Datasheet HTML 10Page - Infineon Technologies AG BCR320U Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2010-01-15
7
BCR320U / BCR321U
BCR320U: Enable current versus
VEN
IEN = f (VEN ); Rext = open; Iout = 0;
TA = Parameter
0
5
10
15
V
25
VEN
0
0.5
1
1.5
2
mA
3
TA = 80°C
TA = 25°C
TA = -40°C
BCR320U: Output current versus
VEN
Iout = f (VEN); Vout = 2.0 V;
Rext = Parameter
0
5
10
15
V
25
VEN
0
0.1
A
0.3
Rext = open
Rext = 20 Ohm
Rext = 10 Ohm
Rext = 6 Ohm
Rext = 4 Ohm
Rext = 3 Ohm
BCR321U: Output current versus
Vout
Iout = f (Vout); VEN = 3.3 V;
Rext = Parameter
0
2
4
6
8
V
12
Vout
0
0.1
A
0.3
Rext = open
Rext = 20 Ohm
Rext = 10 Ohm
Rext = 6 Ohm
Rext = 4 Ohm
Rext = 3 Ohm
BCR321U: Output current versus
Rext
Iout = f (Rext); VEN = 3.3 V;
Vout = Parameter
10
0
10
1
10
2
Ohm
Rext.
0
0.1
0.2
A
0.4
Vout = 5.4V
Vout = 1.4V


Similar Part No. - BCR320U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR320UE6327 INFINEON-BCR320UE6327 Datasheet
1Mb / 26P
   LED Driver
Revision 2.1, 2015-01-28
BCR320UE6327 INFINEON-BCR320UE6327_15 Datasheet
1Mb / 26P
   LED Driver
Revision 2.1, 2015-01-28
More results

Similar Description - BCR320U

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com