Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W79L632A25PL Datasheet(PDF) 3 Page - Winbond

Part # W79L632A25PL
Description  8-BIT MICROCONTROLLER
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79L632A25PL Datasheet(HTML) 3 Page - Winbond

  W79L632A25PL Datasheet HTML 1Page - Winbond W79L632A25PL Datasheet HTML 2Page - Winbond W79L632A25PL Datasheet HTML 3Page - Winbond W79L632A25PL Datasheet HTML 4Page - Winbond W79L632A25PL Datasheet HTML 5Page - Winbond W79L632A25PL Datasheet HTML 6Page - Winbond W79L632A25PL Datasheet HTML 7Page - Winbond W79L632A25PL Datasheet HTML 8Page - Winbond W79L632A25PL Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
W79E632A/W79L632A
Publication Release Date: February 1, 2007
- 3 -
Revision A6
PACKAGE
DEVICE
OPERATING
FREQUENCY
OPERATING
VOLTAGE
LEAD FREE(ROHS)
W79E632A40PL
up to 40MHz
4.5V ~ 5.5V
DIP44, PLCC44, QFP44
W79L632A25PL
up to 20MHz
3.0V ~ 5.5V
DIP44, PLCC44, QFP44
3. PIN CONFIGURATIONS
8
7
10
9
12
11
14
13
16
15
17
38
39
36
37
34
35
32
33
30
31
29
P1.6
PWM5, P1.5
RST
P1.7
P4.3
RXD, P3.0
TXD, P3.1
T0, P3.4
T1, P3.5
ALE
P0.7, AD7
P4.1
P0.6, AD6
P0.5, AD5
P0.4, AD4
P2.5, A13
P2.6, A14
P2.7, A15
PLCC 44-pin
INT0, P3.2
INT1, P3.3
PSEN
EA
8
7
10
9
11
32
33
30
31
28
29
26
27
24
25
23
P1.6
PWM5, P1.5
RST
P1.7
P4.3
RXD, P3.0
TXD, P3.1
T0, P3.4
T1, P3.5
ALE
P0.7, AD7
P4.1
P0.6, AD6
P0.5, AD5
P0.4, AD4
P2.5, A13
P2.6, A14
P2.7, A15
QFP 44-pin
INT0, P3.2
INT1, P3.3
PSEN
EA
2
1
4
3
5
6
10
9
12
11
14
13
16
15
17
P1.6
PWM5, P1.5
RST
P1.7
RXD, P3.0
TXD, P3.1
T0, P3.4
T1, P3.5
INT0, P3.2
INT1, P3.3
2
1
4
3
6
5
8
7
PWM3, P1.3
PWM2, P1.2
PWM4, P1.4
T2EX, PWM1, P1.1
T2, PWM0, P1.0
19
18
20
T1, P3.5
WR, P3.6
RD, P3.7
XTAL2
XTAL1
38
39
36
37
34
35
32
33
30
31
29
28
40
26
27
24
25
22
23
21
P2.1, A9
P2.2, A10
P2.3, A11
P2.4, A12
P2.0, A8
P2.5, A13
P2.6, A14
P2.7, A15
ALE
P0.7, AD7
P0.6, AD6
P0.5, AD5
P0.4, AD4
PSEN
EA
AD0, P0.0
AD1, P0.1
AD2, P0.2
AD3, P0.3
VDD


Similar Part No. - W79L632A25PL

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W79L632A25PL NUVOTON-W79L632A25PL Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79L632A25PL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com