Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W79L632A25PL Datasheet(PDF) 8 Page - Winbond

Part # W79L632A25PL
Description  8-BIT MICROCONTROLLER
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79L632A25PL Datasheet(HTML) 8 Page - Winbond

Back Button W79L632A25PL Datasheet HTML 4Page - Winbond W79L632A25PL Datasheet HTML 5Page - Winbond W79L632A25PL Datasheet HTML 6Page - Winbond W79L632A25PL Datasheet HTML 7Page - Winbond W79L632A25PL Datasheet HTML 8Page - Winbond W79L632A25PL Datasheet HTML 9Page - Winbond W79L632A25PL Datasheet HTML 10Page - Winbond W79L632A25PL Datasheet HTML 11Page - Winbond W79L632A25PL Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
W79E632A/W79L632A
- 8 -
0000h
FFFFh
80h
7Fh
00h
64 K
Bytes
External
Data
Memory
Indirect
Addressing
RAM
Direct &
Indirect
Addressing
RAM
SFRs
Direct
Addressing
FFh
64K Bytes
On-chip
Program
Memory
1K Bytes
On-chip SRAM
0000h
03FFh
APFlash0
64K Bytes
On-chip
Program
Memory
APFlash1
0FFFh
4K Bytes
LDFlash
Figure 1. Memory Map
Special Function Registers
The W79E(L)632 uses Special Function Registers (SFRs) to control and monitor peripherals and their
Modes.
The SFRs reside in the register locations 80-FFh and are accessed by direct addressing only. Some
of the SFRs are bit addressable. This is very useful in cases where one wishes to modify a particular
bit without changing the others. The SFRs that are bit addressable are those whose addresses end in
0 or 8. The W79E(L)632 contains all the SFRs present in the standard 8052. However, some
additional SFRs have been added. In some cases unused bits in the original 8052 have been given
new functions. The list of SFRs is as follows. The table is condensed with eight locations per row.
Empty locations indicate that there are no registers at these addresses. When a bit or register is not
implemented, it will read high.


Similar Part No. - W79L632A25PL

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W79L632A25PL NUVOTON-W79L632A25PL Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79L632A25PL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com