Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W79L548A25PL Datasheet(PDF) 11 Page - Winbond

Part # W79L548A25PL
Description  8-BIT MICROCONTROLLER
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79L548A25PL Datasheet(HTML) 11 Page - Winbond

Back Button W79L548A25PL Datasheet HTML 7Page - Winbond W79L548A25PL Datasheet HTML 8Page - Winbond W79L548A25PL Datasheet HTML 9Page - Winbond W79L548A25PL Datasheet HTML 10Page - Winbond W79L548A25PL Datasheet HTML 11Page - Winbond W79L548A25PL Datasheet HTML 12Page - Winbond W79L548A25PL Datasheet HTML 13Page - Winbond W79L548A25PL Datasheet HTML 14Page - Winbond W79L548A25PL Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
W79E548/W79L548
Publication Release Date: December 12, 2005
- 11 -
Revision A1
Special Function Registers
The W79E(L)548 uses Special Function Registers (SFRs) to control and monitor peripherals and their
Modes.
The SFRs reside in the register locations 80-FFh and are accessed by direct addressing only. Some
of the SFRs are bit addressable. This is very useful in cases where one wishes to modify a particular
bit without changing the others. The SFRs that are bit addressable are those whose addresses end in
0 or 8. The W79E(L)548 contains all the SFRs present in the standard 8052. However, some
additional SFRs have been added. In some cases unused bits in the original 8052 have been given
new functions. The list of SFRs is as follows. The table is condensed with eight locations per row.
Empty locations indicate that there are no registers at these addresses. When a bit or register is not
implemented, it will read high.
Table 1. Special Function Register Location Table
F8
EIP
F0
B
E8
EIE
E0
ACC
D8
WDCON
PWMP
PWM0
PWM1
PWMCON1 PWM2
PWM3
D0
PSW
C8
T2CON
T2MOD
RCAP2L
RCAP2H
TL2
TH2
PWMCON2 PWM4
C0
PWM5
PMR
STATUS
TA
B8
IP
SADEN
B0
P3
P5
P6
P7
A8
IE
SADDR
ROMCON
SFRAL
SFRAH
SFDFD
SFRCN
A0
P2
XRAMAH
P4CSIN
P4
98
SCON0
SBUF
P42AL
P42AH
P43AL
P43AH
CHPCON
90
P1
P4CONA
P4CONB
P40AL
P40AH
P41AL
P41AH
88
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
80
P0
SP
DPL
DPH
PCON
Note: The SFRs in the column with dark borders are bit-addressable.


Similar Part No. - W79L548A25PL

ManufacturerPart #DatasheetDescription
logo
Winbond
W79L549 WINBOND-W79L549 Datasheet
504Kb / 81P
   8-BIT MICROCONTROLLER
W79L549A25PL WINBOND-W79L549A25PL Datasheet
504Kb / 81P
   8-BIT MICROCONTROLLER
W79L549A25PN WINBOND-W79L549A25PN Datasheet
504Kb / 81P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79L548A25PL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com