Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPI20N65C3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPI20N65C3
Description  New revolutionary high voltage technology Worldwide best RDS(on) in TO 220
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI20N65C3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPI20N65C3 Datasheet HTML 1Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 2Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 3Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 4Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 5Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 6Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 7Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 8Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
200
7-08-30
Rev. 3.0
Page 3
SPP20N65C3, SPA20N65C3
SPI20N65C3
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=13.1A
-
17.5
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f
=1MHz
-
2400
-
pF
Output capacitance
Coss
-
780
-
Reverse transfer capacitance
Crss
-
50
-
Effective output capacitance,4)
energy related
Co(er)
VGS=0V,
VDS=0V to 480V
-
83
-
Effective output capacitance,5)
time related
Co(tr)
-
160
-
Turn-on delay time
td(on)
VDD=380V, VGS=0/13V,
ID=20.7A,
RG=3.6Ω, Tj=125
-
10
-
ns
Rise time
tr
VDD=380V, VGS=0/13V,
ID=20.7A,
RG=3.6Ω
-
5
-
Turn-off delay time
td(off)
-
67
100
Fall time
tf
-
4.5
12
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=480V, ID=20.7A
-
11
-
nC
Gate to drain charge
Qgd
-
33
-
Gate charge total
Qg
VDD=480V, ID=20.7A,
VGS=0 to 10V
-
87
114
Gate plateau voltage
V(plateau) VDD=480V, ID=20.7A
-
5.5
-
V
1Limited only by maximum temperature
2Repetitve avalanche causes additional power losses that can be calculated as P
AV=EAR*f.
3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.
4C
o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS.
5C
o(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.


Similar Part No. - SPI20N65C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI20N65C3 INFINEON-SPI20N65C3 Datasheet
784Kb / 14P
   Cool MOS??Power Transistor
2003-08-15
SPI20N65C3 INFINEON-SPI20N65C3 Datasheet
622Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-12-01
logo
Inchange Semiconductor ...
SPI20N65C3 ISC-SPI20N65C3 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SPI20N65C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP21N50C3 INFINEON-SPP21N50C3_07 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPP20N60C3 INFINEON-SPP20N60C3_09 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev.3.1 2009-02-19
SPB12N50C3 INFINEON-SPB12N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.4 2005-11-07
SPP17N80C3 INFINEON-SPP17N80C3_07 Datasheet
1Mb / 13P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.6 2007-08-30
SPN04N60S5 INFINEON-SPN04N60S5_05 Datasheet
4Mb / 10P
   New revolutionary high voltage technology Worldwide best RDS in SOT 223
Rev. 2.2 2005-02-21
SPW11N80C3 INFINEON-SPW11N80C3_11 Datasheet
509Kb / 10P
   New revolutionary high voltage technology
Rev. 2.91 2011-09-27
SPA11N60CFD INFINEON-SPA11N60CFD_10 Datasheet
210Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPB17N80C3 INFINEON-SPB17N80C3_07 Datasheet
326Kb / 10P
   CoolMOS짰 Power Transistor Features new revolutionary high voltage technology
Rev. 2.3 2007-11-28
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com