Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78L032A24FL Datasheet(PDF) 4 Page - Winbond

Part # W78L032A24FL
Description  8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78L032A24FL Datasheet(HTML) 4 Page - Winbond

  W78L032A24FL Datasheet HTML 1Page - Winbond W78L032A24FL Datasheet HTML 2Page - Winbond W78L032A24FL Datasheet HTML 3Page - Winbond W78L032A24FL Datasheet HTML 4Page - Winbond W78L032A24FL Datasheet HTML 5Page - Winbond W78L032A24FL Datasheet HTML 6Page - Winbond W78L032A24FL Datasheet HTML 7Page - Winbond W78L032A24FL Datasheet HTML 8Page - Winbond W78L032A24FL Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
W78L32/W78L032A/W78M032A
- 4 -
4. PIN DESCRIPTION
P0.0
−P0.7
Port 0, Bits 0 through 7. Port 0 is a bidirectional I/O port. This port also provides a multiplexed low
order address/data bus during accesses to external memory.
P1.0
−P1.7
Port 1, Bits 0 through 7. Port 1 is a bidirectional I/O port with internal pull-ups. Pins P1.0 and P1.1
also serve as T2 (Timer 2 external input) and T2EX (Timer 2 capture/reload trigger), respectively.
P2.0
−P2.7
Port 2, Bits 0 through 7. Port 2 is a bidirectional I/O port with internal pull-ups. This port also provides
the upper address bits for accesses to external memory.
P3.0
−P3.7
Port 3, Bits 0 through 7. Port 3 is a bidirectional I/O port with internal pull-ups. All bits have alternate
functions, which are described below:
PIN
ALTERNATE FUNCTION
P3.0
RXD Serial Receive Data
P3.1
TXD Serial Transmit Data
P3.2
INT0
External Interrupt 0
P3.3
INT1
External Interrupt 1
P3.4
T0 Timer 0 Input
P3.5
T1 Timer 1 Input
P3.6
WR
Data Write Strobe
P3.7
RD
Data Read Strobe
EA
External Address Input, active low. This pin forces the processor to execute out of external ROM. This
pin should be kept low for all W78L32 operations.
RST
Reset Input, active high. This pin resets the processor. It must be kept high for at least two machine
cycles in order to be recognized by the processor.
ALE
Address Latch Enable Output, active high. ALE is used to enable the address latch that separates the
address from the data on Port 0. ALE runs at 1/6th of the oscillator frequency. A single ALE pulse is
skipped during external data memory accesses. ALE goes to a high state during reset with a weak
pull-up.


Similar Part No. - W78L032A24FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L051A WINBOND-W78L051A Datasheet
220Kb / 25P
   8-BIT MICROCONTROLLER
W78L051A24DL WINBOND-W78L051A24DL Datasheet
220Kb / 25P
   8-BIT MICROCONTROLLER
W78L051A24FL WINBOND-W78L051A24FL Datasheet
220Kb / 25P
   8-BIT MICROCONTROLLER
W78L051A24PL WINBOND-W78L051A24PL Datasheet
220Kb / 25P
   8-BIT MICROCONTROLLER
W78L051C WINBOND-W78L051C Datasheet
276Kb / 23P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78L032A24FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com