Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78L051A Datasheet(PDF) 11 Page - Winbond

Part # W78L051A
Description  8-BIT MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78L051A Datasheet(HTML) 11 Page - Winbond

Back Button W78L051A Datasheet HTML 7Page - Winbond W78L051A Datasheet HTML 8Page - Winbond W78L051A Datasheet HTML 9Page - Winbond W78L051A Datasheet HTML 10Page - Winbond W78L051A Datasheet HTML 11Page - Winbond W78L051A Datasheet HTML 12Page - Winbond W78L051A Datasheet HTML 13Page - Winbond W78L051A Datasheet HTML 14Page - Winbond W78L051A Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
W78LE51/W78L051A
Publication Release Date: November 6, 2006
- 11 -
Revision A6
OPERATIONS
P3.0
(A9
CTRL)
P3.1
(A13
CTRL)
P3.2
(A14
CTRL)
P3.3
(OE
CTRL)
P3.6
(
CE )
P3.7
( OE )
EA
(VPP)
P2, P1
(A15..A0)
P0
(D7..D0)
NOTE
Read
0
0
0
0
0
0
1
Address
Data Out
Output Disable
0
0
0
0
0
1
1
X
Hi-Z
Program
0
0
0
0
0
1
VCP
Address
Data In
Program Verify
0
0
0
0
1
0
VCP
Address
Data Out
@3
Erase
1
0
0
0
0
1
VEP
A0:0,
others: X
Data In
0FFH
@4
Erase Verify
1
0
0
0
1
0
VEP
Address
Data Out
@5
Program/Erase
Inhibit
X
0
0
0
1
1
VCP/
VEP
X
X
Notes:
1. All these operations happen in RST = VIH, ALE = VIL and PSEN = VIH.
2. VCP = 12.5V, VEP = 14.5V, VIH = VDD, VIL = Vss.
3. The program verify operation follows behind the program operation.
4. This erase operation will erase all the on-chip Flash EPROM cells and the Security bits.
5. The erase verify operation follows behind the erase operation.


Similar Part No. - W78L051A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L051C WINBOND-W78L051C Datasheet
276Kb / 23P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78L051A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com