Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78LE51 Datasheet(PDF) 6 Page - Winbond

Part # W78LE51
Description  8-BIT MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE51 Datasheet(HTML) 6 Page - Winbond

Back Button W78LE51_06 Datasheet HTML 2Page - Winbond W78LE51_06 Datasheet HTML 3Page - Winbond W78LE51_06 Datasheet HTML 4Page - Winbond W78LE51_06 Datasheet HTML 5Page - Winbond W78LE51_06 Datasheet HTML 6Page - Winbond W78LE51_06 Datasheet HTML 7Page - Winbond W78LE51_06 Datasheet HTML 8Page - Winbond W78LE51_06 Datasheet HTML 9Page - Winbond W78LE51_06 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
W78LE51/W78L051A
- 6 -
2. PORT4
Another bit-addressable port P4 is also available and only 4 bits (P4<3:0>) can be used. This port
address is located at 0D8H with the same function as that of port P1, except the P4.3 and P4.2 are
alternative function pins. It can be used as general I/O pins or external interrupt input sources ( INT2 ,
INT3
).
Example:
P4
REG
0D8H
MOV
P4, #0AH
; Output data "A" through P4.0
−P4.3.
MOV
A, P4
; Read P4 status to Accumulator.
ORL
P4.#00000001B
ANL
P4.#11111110B
3. Reduce EMI Emission
Because of on-chip Flash EPROM, when a program is running in internal ROM space, the ALE will be
unused. The transition of ALE will cause noise, so it can be turned off to reduce the EMI emission if it
is useless. Turning off the ALE signal transition only requires setting the bit 0 of the AUXR SFR, which
is located at 08Eh. When ALE is turned off, it will be reactivated when the program accesses external
ROM/RAM data or jumps to execute an external ROM code. The ALE signal will turn off again after it
has been completely accessed or the program returns to internal ROM code space. The AO bit in the
AUXR register, when set, disables the ALE output. In order to reduce EMI emission from oscillation
circuitry, W78L051 allows user to diminish the gain of on-chip oscillator amplifiers by using
programmer to clear the B7 bit of security register. Once B7 is set to 0, a half of gain will be
decreased. Care must be taken if user attempts to diminish the gain of oscillator amplifier, reducing a
half of gain may effect to external crystal operating improperly at high frequency above 24 MHz. The
value of R and C1, C2 may need some adjustment while running at lower gain.
***AUXR - Auxiliary register (8EH)
-
-
-
-
-
-
-
AO
AO: Turn off ALE output.
4. Power-off Flag
***PCON - Power control (87H)
-
-
-
POF
GF1
GF0
PD
IDL
POF:
Power off flag. Bit is set by hardware when power on reset. It can be cleared by software
to determine chip reset is a warm boot or cold boot.
GF1, GF0: These two bits are general-purpose flag bits for the user.
PD:
Power down mode bit. Set it to enter power down mode.
IDL:
Idle mode bit. Set it to enter idle mode.
The power-off flag is located at PCON.4. This bit is set when VDD has been applied to the part. It can
be used to determine if a reset is a warm boot or a cold boot if it is subsequently reset by software.


Similar Part No. - W78LE51_06

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE51-24 WINBOND-W78LE51-24 Datasheet
304Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78LE516 WINBOND-W78LE516 Datasheet
287Kb / 31P
   8-BIT MICROCONTROLLER
W78LE516 WINBOND-W78LE516 Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
W78LE516-24 WINBOND-W78LE516-24 Datasheet
287Kb / 31P
   8-BIT MICROCONTROLLER
W78LE516A WINBOND-W78LE516A Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78LE51_06

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com