Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR119F Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCR119F
Description  NPN silicon Digital Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR119F Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCR119F Datasheet HTML 1Page - Infineon Technologies AG BCR119F Datasheet HTML 2Page - Infineon Technologies AG BCR119F Datasheet HTML 3Page - Infineon Technologies AG BCR119F Datasheet HTML 4Page - Infineon Technologies AG BCR119F Datasheet HTML 5Page - Infineon Technologies AG BCR119F Datasheet HTML 6Page - Infineon Technologies AG BCR119F Datasheet HTML 7Page - Infineon Technologies AG BCR119F Datasheet HTML 8Page - Infineon Technologies AG BCR119F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2007-08-02
4
BCR119...
DC current gain hFE = ƒ(IC)
VCE = 5V (common emitter configuration)
10
-4
10
-3
10
-2
10
-1
A
IC
1
10
2
10
3
10
-40 °C
-25 °C
25 °C
85 °C
125 °C
Collector-emitter saturation voltage
VCEsat = ƒ(IC), IC/IB = 20
10
-4
10
-3
10
-2
10
-1
A
IC
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
V
0.5
-40 °C
-25 °C
25 °C
85 °C
125 °C
Input on Voltage Vi(on) = ƒ(IC)
VCE = 0.3V (common emitter configuration)
10
-5
10
-4
10
-3
10
-2
10
-1
A
IC
-1
10
0
10
1
10
V
-40 °C
-25 °C
25 °C
85 °C
125 °C
Input off voltage Vi(off) = ƒ(IC)
VCE = 5V (common emitter configuration)
10
-5
10
-4
10
-3
10
-2
10
-1
A
IC
-1
10
0
10
1
10
V
-40 °C
-25 °C
25 °C
85 °C
125 °C


Similar Part No. - BCR119F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR119F INFINEON-BCR119F Datasheet
490Kb / 10P
   NPN silicon Digital Transistor
May-17-2004
More results

Similar Description - BCR119F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
May-17-2004
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
   NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
   NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
   NPN Silicon Digital Transistor
Aug-29-2003
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
Jun-14-2004
logo
Chenmko Enterprise Co. ...
CHUMG8PT CHENMKO-CHUMG8PT Datasheet
135Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TKPT CHENMKO-CHDTC144TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TMPT CHENMKO-CHDTC144TMPT Datasheet
90Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144WKPT CHENMKO-CHDTC144WKPT Datasheet
100Kb / 3P
   NPN Digital Silicon Transistor
CHDTC363EKPT CHENMKO-CHDTC363EKPT Datasheet
134Kb / 3P
   NPN Digital Silicon Transistor
CHDTC614TKPT CHENMKO-CHDTC614TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com