Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM846S Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCM846S
Description  NPN Silicon AF Transistor Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCM846S Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCM846S Datasheet HTML 1Page - Infineon Technologies AG BCM846S Datasheet HTML 2Page - Infineon Technologies AG BCM846S Datasheet HTML 3Page - Infineon Technologies AG BCM846S Datasheet HTML 4Page - Infineon Technologies AG BCM846S Datasheet HTML 5Page - Infineon Technologies AG BCM846S Datasheet HTML 6Page - Infineon Technologies AG BCM846S Datasheet HTML 7Page - Infineon Technologies AG BCM846S Datasheet HTML 8Page - Infineon Technologies AG BCM846S Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2007-04-26
4
BCM846S
DC current gain hFE = ƒ(IC)
VCE = 5V
10
10
10
10
EHP00365
h
mA
-2
-1
12
FE
3
10
102
0
10
5
5
101
0
10
5
555
100
25
-50
Ι
C
C
C
C
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 20
10
0
EHP00367
V
CEsat
10
mA
10
Ι
C
10
2
1
0
-1
5
5
V
0.3
0.5
100
25
-50
0.1
0.2
0.4
C
C
C
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 20
0
10
EHP00364
BEsat
V
0.6
V
1.2
-1
100
101
2
10
5
5
Ι
C
mA
0.2
0.4
0.8
C
25
C
100 C
-50 C
Output characteristics IC = ƒ(VCE),
IB = parameter
0
1
2
3
V
5
VCE
0
1
2
3
4
5
6
7
8
9
10
11
12
mA
15
IB = 8 uA
IB = 12 uA
IB = 16 uA
IB = 20 uA
IB = 24 uA
IB = 28 uA
IB = 36 uA
IB = 4uA
IB = 32 uA
IB = 40 uA


Similar Part No. - BCM846S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCM846S INFINEON-BCM846S Datasheet
184Kb / 7P
   NPN Silicon AF Transistor Array
Aug-30-2002
BCM846S INFINEON-BCM846S Datasheet
546Kb / 9P
   NPN Silicon AF Transistor Array
2011-10-05
BCM846SH6327 INFINEON-BCM846SH6327 Datasheet
546Kb / 9P
   NPN Silicon AF Transistor Array
2011-10-05
More results

Similar Description - BCM846S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC817UPN INFINEON-BC817UPN_11 Datasheet
530Kb / 7P
   NPN Silicon AF Transistor Array
2011-09-15
BCM846SH6327 INFINEON-BCM846SH6327 Datasheet
546Kb / 9P
   NPN Silicon AF Transistor Array
2011-10-05
BC817UPN INFINEON-BC817UPN_07 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Array
2007-04-20
BC847S INFINEON-BC847S Datasheet
57Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
BC846S INFINEON-BC846S Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
BCM846S INFINEON-BCM846S Datasheet
184Kb / 7P
   NPN Silicon AF Transistor Array
Aug-30-2002
BC846U INFINEON-BC846U Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
SMBTA06U INFINEON-SMBTA06U Datasheet
51Kb / 5P
   NPN Silicon AF Transistor Array
Nov-30-2001
BC817U INFINEON-BC817U_07 Datasheet
76Kb / 7P
   NPN Silicon AF Transistor Array
2007-04-20
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com