Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC808 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BC808
Description  PNP Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC808 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BC808 Datasheet HTML 1Page - Infineon Technologies AG BC808 Datasheet HTML 2Page - Infineon Technologies AG BC808 Datasheet HTML 3Page - Infineon Technologies AG BC808 Datasheet HTML 4Page - Infineon Technologies AG BC808 Datasheet HTML 5Page - Infineon Technologies AG BC808 Datasheet HTML 6Page - Infineon Technologies AG BC808 Datasheet HTML 7Page - Infineon Technologies AG BC808 Datasheet HTML 8Page - Infineon Technologies AG BC808 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2007-06-08
5
BC807.../BC808...
DC current gain hFE = ƒ(IC)
VCE = 1 V
hFE-grp. 16
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
A
IC
1
10
2
10
3
10
105 °C
85 °C
65 °C
25 °C
-40 °C
DC current gain hFE = ƒ(IC)
VCE = 1 V
hFE-grp. 25
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
A
IC
1
10
2
10
3
10
105 °C
85 °C
65 °C
25 °C
-40 °C
DC current gain hFE = ƒ(IC)
VCE = 1 V
hFE-grp. 40
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
A
IC
1
10
2
10
3
10
105 °C
85 °C
65 °C
25 °C
-40 °C
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 10
0
10
EHP00215
CEsat
V
0.4
V
0.8
-1
100
101
3
10
5
5
Ι
C
mA
5
2
10
0.2
0.6
-50
25
150 ˚C
˚C
˚C


Similar Part No. - BC808

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC808 FAIRCHILD-BC808 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
   PNP Transistor Surface Mount
logo
Jiangsu Changjiang Elec...
BC808 JIANGSU-BC808 Datasheet
588Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
logo
General Semiconductor
BC808 GE-BC808 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
Unisonic Technologies
BC808 UTC-BC808 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results

Similar Description - BC808

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC857BE6327 INFINEON-BC857BE6327 Datasheet
866Kb / 11P
   PNP Silicon AF Transistor
2011-09-19
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
   PNP Silicon AF Transistor
Jun-16-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com