Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W77M032A Datasheet(PDF) 3 Page - Winbond

Part # W77M032A
Description  8-BIT MICROCONTROLLER
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77M032A Datasheet(HTML) 3 Page - Winbond

  W77M032A Datasheet HTML 1Page - Winbond W77M032A Datasheet HTML 2Page - Winbond W77M032A Datasheet HTML 3Page - Winbond W77M032A Datasheet HTML 4Page - Winbond W77M032A Datasheet HTML 5Page - Winbond W77M032A Datasheet HTML 6Page - Winbond W77M032A Datasheet HTML 7Page - Winbond W77M032A Datasheet HTML 8Page - Winbond W77M032A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
W77L32/W77L032A/W77M032A
Publication Release Date: February 1, 2007
- 3 -
Revision A5
1. GENERAL DESCRIPTION
The W77L032 is a fast 8051 compatible microcontroller with a redesigned processor core without
wasted clock and memory cycles. As a result, it executes every 8051 instruction faster than the
original 8051 for the same crystal speed. Typically, the instruction executing time of W77L032 is 1.5 to
3 times faster then that of traditional 8051, depending on the type of instruction. In general, the overall
performance is about 2.5 times better than the original for the same crystal speed. Giving the same
throughput with lower clock speed, power consumption has been improved. Consequently, the
W77L032 is a fully static CMOS design; it can also be operated at a lower crystal clock. W77L032
support on-chip 1KB SRAM without external memory component and glue logic, saving more I/O pins
for users application usage if they use on-chip SRAM instead of external SRAM.
2. FEATURES
8-bit CMOS microcontroller
High speed architecture of 4 clocks/machine cycle runs up to 20MHz
Pin compatible with standard 80C52
Instruction-set compatible with MCS-51
Four 8-bit I/O Ports
One extra 4-bit I/O port and Wait State control signal (available on 44-pin PLCC/QFP package)
Three 16-bit Timers
12 interrupt sources with two levels of priority
On-chip oscillator and clock circuitry
Two enhanced full duplex serial ports
256 bytes scratch-pad RAM
1KB on-chip SRAM for MOVX instruction
Programmable Watchdog Timer
Dual 16-bit Data Pointers
Software programmable access cycle to external RAM/peripherals
Packages:
− Lead Free (RoHS) DIP 40:
W77L032A25DL, W77M032A25DL
− Lead Free (RoHS) PLCC 44:
W77L032A25PL, W77M032A25PL
− Lead Free (RoHS) PQFP 44:
W77L032A25FL, W77M032A25FL


Similar Part No. - W77M032A

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W77M032A NUVOTON-W77M032A Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77M032A25DL NUVOTON-W77M032A25DL Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77M032A25FL NUVOTON-W77M032A25FL Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77M032A25PL NUVOTON-W77M032A25PL Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results

Similar Description - W77M032A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com