Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB831 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BB831
Description  Silicon Variable Capacitance Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BB831 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BB831_07 Datasheet HTML 1Page - Infineon Technologies AG BB831_07 Datasheet HTML 2Page - Infineon Technologies AG BB831_07 Datasheet HTML 3Page - Infineon Technologies AG BB831_07 Datasheet HTML 4Page - Infineon Technologies AG BB831_07 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2007-04-20
1
BB831...
Silicon Variable Capacitance Diodes
• Frequency range up to 2 GHz
• Special design for use in TV-sat tuners
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BB831

Type
Package
Configuration
LS(nH)
Marking
BB831
SOD323
single
1.8
white T
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
30
V
Peak reverse voltage
( R
≥ 5kΩ )
VRM
35
Forward current
IF
20
mA
Operating temperature range
Top
-55 ... 125
°C
Storage temperature
Tstg
-55 ... 150
1Pb-containing package may be available upon special request


Similar Part No. - BB831_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB831 SIEMENS-BB831 Datasheet
63Kb / 3P
   Silicon Variable Capacitance Diode (Frequency range up to 2 GHz special design for use in TV-sat indoor units)
logo
Infineon Technologies A...
BB831 INFINEON-BB831 Datasheet
406Kb / 3P
   Silicon Variable Capacitance Diodes
Nov-07-2002
More results

Similar Description - BB831_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BB644 INFINEON-BB644 Datasheet
433Kb / 3P
   Silicon Variable Capacitance Diodes
Jun-01-2004
BB814 INFINEON-BB814 Datasheet
408Kb / 3P
   Silicon Variable Capacitance Diodes
Dec-04-2002
logo
Siemens Semiconductor G...
BB609 SIEMENS-BB609 Datasheet
90Kb / 2P
   Silicon Variable Capacitance Diodes
logo
Infineon Technologies A...
BB639 INFINEON-BB639_07 Datasheet
76Kb / 7P
   Silicon Variable Capacitance Diodes
2007-04-20
BB831 INFINEON-BB831 Datasheet
406Kb / 3P
   Silicon Variable Capacitance Diodes
Nov-07-2002
BB814 INFINEON-BB814_07 Datasheet
61Kb / 5P
   Silicon Variable Capacitance Diodes
2007-04-20
logo
Siemens Semiconductor G...
BB505B SIEMENS-BB505B Datasheet
48Kb / 3P
   Silicon Variable Capacitance Diodes
logo
Infineon Technologies A...
BB644 INFINEON-BB644_07 Datasheet
87Kb / 8P
   Silicon Variable Capacitance Diodes
2007-04-20
BB639 INFINEON-BB639 Datasheet
405Kb / 3P
   Silicon Variable Capacitance Diodes
Nov-07-2002
logo
Zetex Semiconductors
ZC830 ZETEX-ZC830 Datasheet
19Kb / 2P
   SOT23 SILICON VARIABLE CAPACITANCE DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com