Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-XC164SM-4F20F Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SAF-XC164SM-4F20F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-XC164SM-4F20F Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SAF-XC164SM-4F20F Datasheet HTML 2Page - Infineon Technologies AG SAF-XC164SM-4F20F Datasheet HTML 3Page - Infineon Technologies AG SAF-XC164SM-4F20F Datasheet HTML 4Page - Infineon Technologies AG SAF-XC164SM-4F20F Datasheet HTML 5Page - Infineon Technologies AG SAF-XC164SM-4F20F Datasheet HTML 6Page - Infineon Technologies AG SAF-XC164SM-4F20F Datasheet HTML 7Page - Infineon Technologies AG SAF-XC164SM-4F20F Datasheet HTML 8Page - Infineon Technologies AG SAF-XC164SM-4F20F Datasheet HTML 9Page - Infineon Technologies AG SAF-XC164SM-4F20F Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
XC164SM
16-Bit Single-Chip Microcontroller with C166SV2 Core
XC166 Family
Data Sheet
4
V1.2, 2007-03
1
Summary of Features
For a quick overview or reference, the XC164SM’s properties are listed here in a
condensed way.
High Performance 16-bit CPU with 5-Stage Pipeline
– 25 ns Instruction Cycle Time at 40 MHz CPU Clock (Single-Cycle Execution)
– 1-Cycle Multiplication (16
× 16 bit), Background Division (32 / 16 bit) in 21 Cycles
– 1-Cycle Multiply-and-Accumulate (MAC) Instructions
– Enhanced Boolean Bit Manipulation Facilities
– Zero-Cycle Jump Execution
– Additional Instructions to Support HLL and Operating Systems
– Register-Based Design with Multiple Variable Register Banks
– Fast Context Switching Support with Two Additional Local Register Banks
– 16 Mbytes Total Linear Address Space for Code and Data
– 1024 Bytes On-Chip Special Function Register Area (C166 Family Compatible)
16-Priority-Level Interrupt System with up to 63 Sources, Sample-Rate down to 50 ns
8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via
Peripheral Event Controller (PEC), 24-Bit Pointers Cover Total Address Space
Clock Generation via on-chip PLL (factors 1:0.15 … 1:10), or
via Prescaler (factors 1:1 … 60:1)
On-Chip Memory Modules
– 2 Kbytes On-Chip Dual-Port RAM (DPRAM)
– 0/2/4 Kbytes1) On-Chip Data SRAM (DSRAM)
– 2 Kbytes On-Chip Program/Data SRAM (PSRAM)
– 32/64/1281) Kbytes On-Chip Program Memory (Flash Memory)
On-Chip Peripheral Modules
– 14-Channel A/D Converter with Programmable Resolution (10-bit or 8-bit) and
Conversion Time (down to 2.55
μs or 2.15 μs)
– 16-Channel General Purpose Capture/Compare Unit (CAPCOM2)
– Capture/Compare Unit for flexible PWM Signal Generation (CAPCOM6)
– Multi-Functional General Purpose Timer Unit with 5 Timers
– Two Synchronous/Asynchronous Serial Channels (USARTs)
– Two High-Speed-Synchronous Serial Channels
– On-Chip Real Time Clock, Driven by the Main Oscillator
Idle, Sleep, and Power Down Modes with Flexible Power Management
Programmable Watchdog Timer and Oscillator Watchdog
1) Depends on the respective derivative. See Table 1 “XC164SM Derivative Synopsis” on Page 6.


Similar Part No. - SAF-XC164SM-4F20F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-XC164SM-4F20F INFINEON-SAF-XC164SM-4F20F Datasheet
606Kb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2005
More results

Similar Description - SAF-XC164SM-4F20F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com