Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP21N50C3 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SPP21N50C3
Description  New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP21N50C3 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SPP21N50C3_07 Datasheet HTML 4Page - Infineon Technologies AG SPP21N50C3_07 Datasheet HTML 5Page - Infineon Technologies AG SPP21N50C3_07 Datasheet HTML 6Page - Infineon Technologies AG SPP21N50C3_07 Datasheet HTML 7Page - Infineon Technologies AG SPP21N50C3_07 Datasheet HTML 8Page - Infineon Technologies AG SPP21N50C3_07 Datasheet HTML 9Page - Infineon Technologies AG SPP21N50C3_07 Datasheet HTML 10Page - Infineon Technologies AG SPP21N50C3_07 Datasheet HTML 11Page - Infineon Technologies AG SPP21N50C3_07 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
200
7-08-30
Rev. 3.0
Page 8
SPP21N50C
3
SPI21N50C3, SPA21N50C3
13 Forward characteristics of body diode
IF = f (VSD)
parameter: Tj , tp = 10 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
-1
10
0
10
1
10
2
10
A
SPP21N50C3
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)
14 Avalanche SOA
IAR = f (tAR)
par.: Tj ≤ 150 °C
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
4
µs
tAR
0
5
10
A
20
Tj(Start)=25°C
Tj(Start)=125°C
15 Avalanche energy
EAS = f (Tj)
par.: ID = 10 A, VDD = 50 V
20
40
60
80
100
120
°C
160
Tj
0
50
100
150
200
250
300
350
400
450
500
550
600
mJ
750
16 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
180
Tj
450
460
470
480
490
500
510
520
530
540
550
560
570
V
600
SPP21N50C3


Similar Part No. - SPP21N50C3_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP21N50C3 INFINEON-SPP21N50C3_09 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
More results

Similar Description - SPP21N50C3_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP20N60C3 INFINEON-SPP20N60C3_09 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev.3.1 2009-02-19
SPB12N50C3 INFINEON-SPB12N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.4 2005-11-07
SPP17N80C3 INFINEON-SPP17N80C3_07 Datasheet
1Mb / 13P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.6 2007-08-30
SPP20N65C3 INFINEON-SPP20N65C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220
Rev. 3.0 2007-08-30
SPN04N60S5 INFINEON-SPN04N60S5_05 Datasheet
4Mb / 10P
   New revolutionary high voltage technology Worldwide best RDS in SOT 223
Rev. 2.2 2005-02-21
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
SPB11N60S5 INFINEON-SPB11N60S5_05 Datasheet
691Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 2.3 2005-07-22
SPN02N60C3 INFINEON-SPN02N60C3_05 Datasheet
2Mb / 11P
   New revolutionary high voltage technology Ultra low gate charge Ultra low effective capacitances
Rev. 2.3 2005-02-21
SPP11N65C3 INFINEON-SPP11N65C3_07 Datasheet
1,019Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.9 2007-08-30
SPP04N50C3 INFINEON-SPP04N50C3_09 Datasheet
635Kb / 13P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.8 2009-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com