Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W77IC32-25 Datasheet(PDF) 11 Page - Winbond

Part # W77IC32-25
Description  8-BIT MICROCONTROLLER
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77IC32-25 Datasheet(HTML) 11 Page - Winbond

Back Button W77IC32-25 Datasheet HTML 7Page - Winbond W77IC32-25 Datasheet HTML 8Page - Winbond W77IC32-25 Datasheet HTML 9Page - Winbond W77IC32-25 Datasheet HTML 10Page - Winbond W77IC32-25 Datasheet HTML 11Page - Winbond W77IC32-25 Datasheet HTML 12Page - Winbond W77IC32-25 Datasheet HTML 13Page - Winbond W77IC32-25 Datasheet HTML 14Page - Winbond W77IC32-25 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
W77IC32
Publication Release Date: October 2, 2006
- 11 -
Revision A5
Port 0 is an open-drain bi-directional I/O port. This port also provides a multiplexed low order
address/data bus during accesses to external memory.
Stack Pointer
Bit:
7
6
5
4
3
2
1
0
SP.7
SP.6
SP.5
SP.4
SP.3
SP.2
SP.1
SP.0
Mnemonic: SP
Address: 81h
The Stack Pointer stores the Scratchpad RAM address where the stack begins. In other words, it
always points to the top of the stack.
Data Pointer Low
Bit:
7
6
5
4
3
2
1
0
DPL.7
DPL.6
DPL.5
DPL.4
DPL.3
DPL.2
DPL.1
DPL.0
Mnemonic: DPL
Address: 82h
This is the low byte of the standard 8052 16-bit data pointer.
Data Pointer High
Bit:
7
6
5
4
3
2
1
0
DPH.
7
DPH.
6
DPH.
5
DPH.
4
DPH.
3
DPH.
2
DPH.
1
DPH.
0
Mnemonic: DPH
Address: 83h
This is the high byte of the standard 8052 16-bit data pointer.
Data Pointer Low1
Bit:
7
6
5
4
3
2
1
0
DPL1.7
DPL1.6
DPL1.5
DPL1.4
DPL1.3
DPL1.2
DPL1.1
DPL1.0
Mnemonic: DPL1
Address: 84h
This is the low byte of the new additional 16-bit data pointer that has been added to the W77IC32. The
user can switch between DPL, DPH and DPL1, DPH1 simply by setting register DPS = 1. The
instructions that use DPTR will now access DPL1 and DPH1 in place of DPL and DPH. If they are not
required they can be used as conventional register locations by the user.
Data Pointer High1
Bit:
7
6
5
4
3
2
1
0
DPH1.7
DPH1.6
DPH1.5
DPH1.4
DPH1.3
DPH1.2
DPH1.1
DPH1.0
Mnemonic: DPH1
Address: 85h


Similar Part No. - W77IC32-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W77IC32-25 WINBOND-W77IC32-25 Datasheet
396Kb / 70P
   8 BIT MICROCONTROLLER
More results

Similar Description - W77IC32-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com