Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB439 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BB439
Description  Silicon Variable Capacitance Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BB439 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BB439 Datasheet HTML 1Page - Infineon Technologies AG BB439 Datasheet HTML 2Page - Infineon Technologies AG BB439 Datasheet HTML 3Page - Infineon Technologies AG BB439 Datasheet HTML 4Page - Infineon Technologies AG BB439 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2007-04-20
1
BB439...
Silicon Variable Capacitance Diode
• For VHF tuned circuit applications
• High figure of merit
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BB439

Type
Package
Configuration
LS(nH)
Marking
BB439
SOD323
single
1.8
white 2
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
28
V
Peak reverse voltage
( R
≥ 5kΩ )
VRM
30
Forward current
IF
20
mA
Operating temperature range
Top
-55 ... 125
°C
Storage temperature
Tstg
-55 ... 150
1Pb-containing package may be available upon special request


Similar Part No. - BB439

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB439 SIEMENS-BB439 Datasheet
26Kb / 2P
   Silicon Variable Capacitance Diode (For VHF tuned circuit applications High figure of merit)
logo
Infineon Technologies A...
BB439 INFINEON-BB439 Datasheet
406Kb / 3P
   Silicon Variable Capacitance Diode
Jul-09-2003
More results

Similar Description - BB439

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BB804 INFINEON-BB804 Datasheet
408Kb / 3P
   Silicon Variable Capacitance Diode
Nov-07-2002
BB914 INFINEON-BB914 Datasheet
395Kb / 3P
   Silicon Variable Capacitance Diode
Dec-04-2002
logo
Sony Corporation
1T369 SONY-1T369 Datasheet
44Kb / 4P
   Silicon Variable Capacitance Diode
logo
Infineon Technologies A...
BB659E6805 INFINEON-BB659E6805 Datasheet
59Kb / 6P
   Silicon Variable Capacitance Diode
2005-10-19
BB640 INFINEON-BB640_07 Datasheet
56Kb / 5P
   Silicon Variable Capacitance Diode
2007-04-20
logo
Leshan Radio Company
BB535 LRC-BB535 Datasheet
83Kb / 3P
   Silicon Variable Capacitance Diode
logo
Infineon Technologies A...
BB679 INFINEON-BB679 Datasheet
404Kb / 4P
   Silicon Variable Capacitance Diode
Oct-25-2002
logo
Sony Corporation
1T363A SONY-1T363A Datasheet
57Kb / 5P
   Silicon Variable Capacitance Diode
1T365 SONY-1T365 Datasheet
47Kb / 4P
   Silicon Variable Capacitance Diode
1T362A SONY-1T362A Datasheet
52Kb / 4P
   Silicon Variable Capacitance Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com