Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPN02N60C3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPN02N60C3
Description  New revolutionary high voltage technology Ultra low gate charge Ultra low effective capacitances
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPN02N60C3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPN02N60C3_05 Datasheet HTML 1Page - Infineon Technologies AG SPN02N60C3_05 Datasheet HTML 2Page - Infineon Technologies AG SPN02N60C3_05 Datasheet HTML 3Page - Infineon Technologies AG SPN02N60C3_05 Datasheet HTML 4Page - Infineon Technologies AG SPN02N60C3_05 Datasheet HTML 5Page - Infineon Technologies AG SPN02N60C3_05 Datasheet HTML 6Page - Infineon Technologies AG SPN02N60C3_05 Datasheet HTML 7Page - Infineon Technologies AG SPN02N60C3_05 Datasheet HTML 8Page - Infineon Technologies AG SPN02N60C3_05 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SPN02N60C3
CoolMOS
TM Power Transistor
Features
• New revolutionary high voltage technology
• Ultra low gate charge
• Ultra low effective capacitances
• Extreme dv /dt rated
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T A=25 °C
A
T A=70 °C
Pulsed drain current
1)
I D,pulse
T A=25 °C
Avalanche energy, single pulse
E AS
I D=0.9 A, V DD=50 V
50
mJ
Avalanche energy, repetitive t AR
1),2)
E AR
I D=1.8 A, V DD=50 V
Avalanche current, repetitive t AR
1)
I AR
A
Drain source voltage slope
dv /dt
I D=1.8 A, V DS=480 V,
T j=125 °C
V/ns
Gate source voltage
V GS
static
V
V GS
AC (f >1 Hz)
Power dissipation
P tot
T A=25 °C
W
Operating and storage temperature
T j, T stg
°C
±20
±30
1.8
-55 ... 150
0.07
1.8
50
Value
0.4
0.3
5.4
V DS @ T j,max
650
V
R DS(on),max
2.5
I D
0.4
A
Product Summary
Type
Package
Ordering Code
Marking
SPN02N60C3
SOT223
Q67040-S4553
02N60C3
SOT223
Rev. 2.
3
page 1
200
5-02-21


Similar Part No. - SPN02N60C3_05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPN02N60C3 INFINEON-SPN02N60C3 Datasheet
259Kb / 12P
   Cool MOS??Power Transistor
2004-03-01
More results

Similar Description - SPN02N60C3_05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
SPB11N60S5 INFINEON-SPB11N60S5_05 Datasheet
691Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 2.3 2005-07-22
SPP11N65C3 INFINEON-SPP11N65C3_07 Datasheet
1,019Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.9 2007-08-30
SPP04N50C3 INFINEON-SPP04N50C3_09 Datasheet
635Kb / 13P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.8 2009-11-26
SPP12N50C3 INFINEON-SPP12N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPI11N60CFD INFINEON-SPI11N60CFD Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.6 2009-04-24
SPP08N50C3 INFINEON-SPP08N50C3_09 Datasheet
732Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.91 2009-11-27
SPP16N50C3 INFINEON-SPP16N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPP16N50C3 INFINEON-SPP16N50C3_09 Datasheet
729Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.2 2009-12-22
SPB21N50C3 INFINEON-SPB21N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.3 2005-11-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com