Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV170 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BAV170
Description  Silicon Low Leakage Diode Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV170 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAV170_07 Datasheet HTML 1Page - Infineon Technologies AG BAV170_07 Datasheet HTML 2Page - Infineon Technologies AG BAV170_07 Datasheet HTML 3Page - Infineon Technologies AG BAV170_07 Datasheet HTML 4Page - Infineon Technologies AG BAV170_07 Datasheet HTML 5Page - Infineon Technologies AG BAV170_07 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2007-04-19
5
BAV170...
Package SOT23
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
EH
s
BCW66
Type code
Pin 1
0.8
0.8
1.2
0.25 M BC
1.9
-0.05
+0.1
0.4
±0.1
2.9
0.95
C
B
0...8˚
0.2
A
0.1 MAX.
0.08...0.15
M
±0.1
1
A
1)
1) Lead width can be 0.6 max. in dambar area
12
3
3.15
4
0.9
0.2
1.15
Pin 1
Manufacturer
2005, June
Date code (YM)


Similar Part No. - BAV170_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV170 PHILIPS-BAV170_03 Datasheet
62Kb / 12P
   Low-leakage double diode
2003 Mar 25
logo
Diodes Incorporated
BAV170_0805 DIODES-BAV170_0805 Datasheet
111Kb / 3P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 10 - 2 May 2008
More results

Similar Description - BAV170_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAV170 INFINEON-BAV170 Datasheet
454Kb / 4P
   Silicon Low Leakage Diode Array
Mar-10-2004
logo
Central Semiconductor C...
1N3595 CENTRAL-1N3595 Datasheet
80Kb / 2P
   SILICON LOW LEAKAGE DIODE
CMHD3595 CENTRAL-CMHD3595 Datasheet
52Kb / 2P
   LOW LEAKAGE SILICON DIODE
logo
Infineon Technologies A...
BAW156 INFINEON-BAW156_07 Datasheet
73Kb / 6P
   Silicon Low Leakage Diode
2007-04-20
logo
Central Semiconductor C...
CDH300 CENTRAL-CDH300_15 Datasheet
72Kb / 1P
   Silicon Low Leakage Diode
CDH300 CENTRAL-CDH300 Datasheet
68Kb / 1P
   SILICON LOW LEAKAGE DIODE
logo
Infineon Technologies A...
BAS116 INFINEON-BAS116 Datasheet
444Kb / 4P
   Silicon Low Leakage Diode
Mar-10-2004
BAV199 INFINEON-BAV199_07 Datasheet
73Kb / 6P
   Silicon Low Leakage Diode
2007-04-19
BAS116 INFINEON-BAS116_07 Datasheet
72Kb / 6P
   Silicon Low Leakage Diode
2007-04-19
BAV199 INFINEON-BAV199 Datasheet
446Kb / 4P
   Silicon Low Leakage Diode
Mar-10-2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com