Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT68-04 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAT68-04
Description  Silicon Schottky Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT68-04 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAT68-04 Datasheet HTML 1Page - Infineon Technologies AG BAT68-04 Datasheet HTML 2Page - Infineon Technologies AG BAT68-04 Datasheet HTML 3Page - Infineon Technologies AG BAT68-04 Datasheet HTML 4Page - Infineon Technologies AG BAT68-04 Datasheet HTML 5Page - Infineon Technologies AG BAT68-04 Datasheet HTML 6Page - Infineon Technologies AG BAT68-04 Datasheet HTML 7Page - Infineon Technologies AG BAT68-04 Datasheet HTML 8Page - Infineon Technologies AG BAT68-04 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2007-04-19
1
BAT68...
Silicon Schottky Diodes
• For mixer applications in the VHF / UHF range
• For high-speed switching applications
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BAT68
BAT68-06
BAT68-06W
BAT68-07W
BAT68-08S
BAT68-04
BAT68-04W
!

!

,
, 

, 
!
"
#
$
,
, !

,
!
"
, 
!

,
, 
ESD (Electrostatic discharge) sensitive device, observe handling precaution!
Type
Package
Configuration
LS(nH) Marking
BAT68
BAT68-04
BAT68-04W
BAT68-06
BAT68-06W
BAT68-07W
BAT68-08S
SOT23
SOT23
SOT323
SOT23
SOT323
SOT343
SOT363
single
series
series
common anode
common anode
parallel pair
parallel triple
1.8
1.8
1.4
1.8
1.4
1.6
1.4
83s
84s
84s
86s
86s
87s
83s
1Pb-containing package may be available upon special request


Similar Part No. - BAT68-04

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT68-04 INFINEON-BAT68-04 Datasheet
487Kb / 8P
   Silicon Schottky Diodes
Feb-03-2003
logo
Guangdong Kexin Industr...
BAT68-04 KEXIN-BAT68-04 Datasheet
40Kb / 2P
   Silicon Schottky Diode
logo
Infineon Technologies A...
BAT68-04 INFINEON-BAT68-04 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT68-04 INFINEON-BAT68-04 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
logo
Siemens Semiconductor G...
BAT68-04W SIEMENS-BAT68-04W Datasheet
84Kb / 4P
   Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching)
More results

Similar Description - BAT68-04

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT1503WE6327 INFINEON-BAT1503WE6327 Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com