Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC87XCLM Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # XC87XCLM
Description  8-Bit Single-Chip Microcontroller
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC87XCLM Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button XC87XCLM Datasheet HTML 6Page - Infineon Technologies AG XC87XCLM Datasheet HTML 7Page - Infineon Technologies AG XC87XCLM Datasheet HTML 8Page - Infineon Technologies AG XC87XCLM Datasheet HTML 9Page - Infineon Technologies AG XC87XCLM Datasheet HTML 10Page - Infineon Technologies AG XC87XCLM Datasheet HTML 11Page - Infineon Technologies AG XC87XCLM Datasheet HTML 12Page - Infineon Technologies AG XC87XCLM Datasheet HTML 13Page - Infineon Technologies AG XC87XCLM Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 145 page
background image
XC87xCLM
Summary of Features
Data Sheet
3
V1.4, 2010-08
XC87x Variant Devices
The XC87x product family features devices with different configurations, program
memory sizes, package options, power supply voltage, temperature and quality profiles
(Automotive or Industrial), to offer cost-effective solutions for different application
requirements.
The list of XC87x device configurations are summarized in Table 1. 2 types of packages
are available :
PG-LQFP-64, which is denoted by XC878 and;
PG-VQFN-48, which is denoted by XC874
From these 5 different combinations of configuration, each are further made available in
many sales types, which are grouped according to device type, program memory sizes,
power supply voltage, temperature and quality profiles (Automotive or Industrial), as
shown in Table 2.
Table 1
Device Configuration
Device Name
CAN
Module
LIN BSL
Support
MDU
Module
XC87x
NoNoNo
XC87xM
No
No
Yes
XC87xCM
Yes
No
Yes
XC87xLM
No
Yes
Yes
XC87xCLM
Yes
Yes
Yes
Table 2
Device Profile
Sales Type
Device
Type
Program
Memory
(Kbytes)
Power
Supply
(V)
Temp-
erature
(°C)
Quality
Profile
SAF-XC878-13FFI 5V
Flash
52
5.0
-40 to 85
Industrial
SAF-XC878M-13FFI 5V
Flash
52
5.0
-40 to 85
Industrial
SAF-XC878CM-13FFI 5V
Flash
52
5.0
-40 to 85
Industrial
SAF-XC878-16FFI 5V
Flash
64
5.0
-40 to 85
Industrial
SAF-XC878M-16FFI 5V
Flash
64
5.0
-40 to 85
Industrial
SAF-XC878CM-16FFI 5V
Flash
64
5.0
-40 to 85
Industrial
SAF-XC878-13FFI 3V3
Flash
52
3.3
-40 to 85
Industrial
SAF-XC878M-13FFI 3V3
Flash
52
3.3
-40 to 85
Industrial


Similar Part No. - XC87XCLM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC87XCLM INFINEON-XC87XCLM Datasheet
2Mb / 145P
   8-Bit Single-Chip Microcontroller
V1.5 2011-03
XC87XCLM INFINEON-XC87XCLM_11 Datasheet
2Mb / 145P
   8-Bit Single-Chip Microcontroller
V1.5 2011-03
More results

Similar Description - XC87XCLM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com