Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS40-06 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BAS40-06
Description  Silicon Schottky Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS40-06 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BAS40-06 Datasheet HTML 2Page - Infineon Technologies AG BAS40-06 Datasheet HTML 3Page - Infineon Technologies AG BAS40-06 Datasheet HTML 4Page - Infineon Technologies AG BAS40-06 Datasheet HTML 5Page - Infineon Technologies AG BAS40-06 Datasheet HTML 6Page - Infineon Technologies AG BAS40-06 Datasheet HTML 7Page - Infineon Technologies AG BAS40-06 Datasheet HTML 8Page - Infineon Technologies AG BAS40-06 Datasheet HTML 9Page - Infineon Technologies AG BAS40-06 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2007-04-19
6
BAS40.../BAS140W
Forward current IF = ƒ (TS)
BAS40-02L
0
15
30
45
60
75
90
105 120 °C
150
TS
0
20
40
60
80
100
mA
140
Forward current IF = ƒ (TS)
BAS40-04, BAS40-06
0
15
30
45
60
75
90
105 120 °C
150
TS
0
20
40
60
80
100
mA
140
Forward current IF = ƒ (TS)
BAS40-06W
0
15
30
45
60
75
90
105 120 °C
150
TS
0
20
40
60
80
100
mA
140
Forward current IF = ƒ (TS)
BAS40-05
0
15
30
45
60
75
90
105 120 °C
150
TS
0
20
40
60
80
100
mA
140


Similar Part No. - BAS40-06

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS40-06 DIOTEC-BAS40-06 Datasheet
153Kb / 2P
   Surface Mount Schottky Barrier Single/Double Diodes
logo
NXP Semiconductors
BAS40-06 PHILIPS-BAS40-06 Datasheet
58Kb / 8P
   Schottky barrier double diodes
1999 Apr 28
logo
SHENZHEN KOO CHIN ELECT...
BAS40-06 KOOCHIN-BAS40-06 Datasheet
238Kb / 2P
   SCHOTTKY DIODE
logo
TRANSYS Electronics Lim...
BAS40-06 TEL-BAS40-06 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40-06 LUGUANG-BAS40-06 Datasheet
143Kb / 2P
   Surface Mount Schottky Barrier Diode
More results

Similar Description - BAS40-06

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
   Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
BAT2402LSE6327 INFINEON-BAT2402LSE6327 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
   SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
   Silicon Schottky Diode
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
   SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
   Silicon Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com