Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMT303B-0192-6350 Datasheet(PDF) 7 Page - CUI INC

Part # AMT303B-0192-6350
Description  COMMUTATION ENCODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT303B-0192-6350 Datasheet(HTML) 7 Page - CUI INC

  AMT303B-0192-6350 Datasheet HTML 1Page - CUI INC AMT303B-0192-6350 Datasheet HTML 2Page - CUI INC AMT303B-0192-6350 Datasheet HTML 3Page - CUI INC AMT303B-0192-6350 Datasheet HTML 4Page - CUI INC AMT303B-0192-6350 Datasheet HTML 5Page - CUI INC AMT303B-0192-6350 Datasheet HTML 6Page - CUI INC AMT303B-0192-6350 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
date
page
PART NUMBER:
DESCRIPTION:
11/2010
7 of 7
Command 0x70: set_zero_point
This command sets the current position to zero or adjusts to the offset stored in comm_pos in the EEPROM and
saves this setting in the EEPROM. The host should send nop_a5 repeatedly after sending this command, the
response will be 0xa5 while update is proceeding and eeprom_wr is the response when update is finished. 0xF9 is
the location for the Low Byte of comm_pos and 0xF8 is the location for the High Byte of comm_pos.
Comand 0x80,<byte_address>,<data>: eeprom_wr
This command causes the data to be written to the address given in <byte_address>. The address can be 0x00 to
0x7f for 128 bytes of data.
Comand 0x90,<byte_address>,0x01: eeprom_rd
This command causes the data in eeprom at the given address to be read and put in the output fifo.
The sequence is as follows:
1) issue read command, receive idle character
2) issue NOP, receive idle character or 0x90 (echo of read command)
3) repeat step 2 if it is an idle character
4) issue NOP and receive
Commutation Alignment and setting the Zero point
To align the commutation angle with the encoder there are two steps:
1) Configure the encoder alignment angle using the Demo Board. The alignment angle is the angle relative to
U,V,W poles which is used for setting the encoder on the armature. The alignment angle is set at the same time
as several other parameters, and the encoder must be power cycled after configuration.
2) With the encoder mounted, position the rotor to the alignment angle and use the “zero” command on the demo
board to write the rotor position in non-volatile memory in the encoder. The encoder must be power cycled after
this operation, and it will use this offset at initialization every time at startup.
Note: the demo board allows setting the alignment angle between -180 and 180 degrees in increments of
5 degrees. 0 (zero) degrees corresponds to the rising edge of the U signal. The direction of rotation can also
be set.
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
AMT303
COMMUTATION ENCODER


Similar Part No. - AMT303B-0192-6350

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
695Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
More results

Similar Description - AMT303B-0192-6350

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT33 CUID-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9340 AVAGO-AEDB-9340 Datasheet
115Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
AEDB-9340-W06C AVAGO-AEDB-9340-W06C Datasheet
121Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
logo
NXP Semiconductors
BTA216B PHILIPS-BTA216B Datasheet
48Kb / 6P
   Triacs high commutation
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com