Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPN04N60S5 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPN04N60S5
Description  New revolutionary high voltage technology Worldwide best RDS in SOT 223
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPN04N60S5 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPN04N60S5_05 Datasheet HTML 1Page - Infineon Technologies AG SPN04N60S5_05 Datasheet HTML 2Page - Infineon Technologies AG SPN04N60S5_05 Datasheet HTML 3Page - Infineon Technologies AG SPN04N60S5_05 Datasheet HTML 4Page - Infineon Technologies AG SPN04N60S5_05 Datasheet HTML 5Page - Infineon Technologies AG SPN04N60S5_05 Datasheet HTML 6Page - Infineon Technologies AG SPN04N60S5_05 Datasheet HTML 7Page - Infineon Technologies AG SPN04N60S5_05 Datasheet HTML 8Page - Infineon Technologies AG SPN04N60S5_05 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
200
5-02-21
Rev. 2.
2
Page 1
SPN04N60S5
Cool MOS™ Power Transistor
VDS
600
V
RDS(on)
0.95
ID
0.8
A
Feature
• New revolutionary high voltage technology
• Worldwide best RDS(on) in SOT 223
• Ultra low gate charge
• Extreme dv/dt rated
• Ultra low effective capacitances
• Improved transconductance
SOT-223
VPS05163
1
2
3
4
Type
Package
Ordering Code
SPN04N60S5
SOT-223
Q67040-S4211
Marking
04N60S5
Maximum Ratings
Parameter
Symbol
Value
Unit
Continuous drain current
TA = 25 °C
TA = 70 °C
ID
0.8
0.65
A
Pulsed drain current, tp limited by Tjmax
TA = 25 °C
ID puls
3
Gate source voltage
VGS
±20
V
Gate source voltage AC (f >1Hz)
VGS
±30
Power dissipation, TA = 25°C
Ptot
1.8
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C


Similar Part No. - SPN04N60S5_05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPN04N60S5 INFINEON-SPN04N60S5 Datasheet
240Kb / 10P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
More results

Similar Description - SPN04N60S5_05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP20N65C3 INFINEON-SPP20N65C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220
Rev. 3.0 2007-08-30
SPP21N50C3 INFINEON-SPP21N50C3_07 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPP20N60C3 INFINEON-SPP20N60C3_09 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev.3.1 2009-02-19
SPB12N50C3 INFINEON-SPB12N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.4 2005-11-07
SPP17N80C3 INFINEON-SPP17N80C3_07 Datasheet
1Mb / 13P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.6 2007-08-30
SPW11N80C3 INFINEON-SPW11N80C3_11 Datasheet
509Kb / 10P
   New revolutionary high voltage technology
Rev. 2.91 2011-09-27
SPA11N60CFD INFINEON-SPA11N60CFD_10 Datasheet
210Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPB17N80C3 INFINEON-SPB17N80C3_07 Datasheet
326Kb / 10P
   CoolMOS짰 Power Transistor Features new revolutionary high voltage technology
Rev. 2.3 2007-11-28
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com