Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0869LP14A090 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 0869LP14A090
Description  869 MHz Low Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

0869LP14A090 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  0869LP14A090 Datasheet HTML 1Page - Johanson Technology Inc. 0869LP14A090 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“High Frequency Ceramic Solutions”
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
“High Frequency Ceramic Solutions”
www.johanson technology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
Input Power
Impedance
Operating Temperature Range
3 Watt max
50
-40 to +85°C
Part
Frequency
Insertion
Return
Number
(MHz)
Loss
Attenuation (min.)
Loss
0869LP14A090_
824 - 915
0.6 dB max.
20 dB @ 2 x f
o
10.9 dB min.
15 dB @ 3 x f
o
869 MHz Low Pass Filter
P/N 0869LP14A090
Detail Specification
Page 1 of 2
Mounting Considerations
• Mount these devices with brown mark facing up.
• Line width should be designed to provide 50
Ω impedance matching characteristics.
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
Mechanical Dimensions
Terminal Configuration
No.
Function
No.
Function
1
GND
4
OUT
2
NC
5
GND
3GND
6
IN
LW
T
a
b
c
g
p
Inches
0.063 ± .004
0.032± .004
0.024 ± .004
.008 ± .004
0.008 ± .004/-.006
.006 + ± .004
0.012 ± .004
0.020 ±.002
mm
1.6 ± 0.1
0.80 ± 0.1
0.60 ± 0.1
0.20 ± 0.1
0.20+0.1/-0.15
0.15 ± 0.1
0.30 ± 0.1
0.50 ± 0.05
Unit=mm


Similar Part No. - 0869LP14A090

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0869LP14A090T JOHANSON-0869LP14A090T Datasheet
119Kb / 2P
   869 MHz Low Pass Filter Detail Specification
More results

Similar Description - 0869LP14A090

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0869LD14D1810 JOHANSON-0869LD14D1810 Datasheet
327Kb / 3P
   869/1810 MHz Dual Low Pass Filter
0869LP14A090T JOHANSON-0869LP14A090T Datasheet
119Kb / 2P
   869 MHz Low Pass Filter Detail Specification
0869LD14C1810 JOHANSON-0869LD14C1810 Datasheet
128Kb / 2P
   869/1810 MHz Dual Low Pass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2381A TAI-SAW-TA2381A Datasheet
506Kb / 7P
   SAW Filter 869 MHz
TA2090A TAI-SAW-TA2090A Datasheet
404Kb / 6P
   SAW Filter 869 MHz
TA0977A TAI-SAW-TA0977A Datasheet
396Kb / 6P
   SAW Filter 869 MHz
logo
KR Electronics, Inc.
3306-869-430 KR-3306-869-430 Datasheet
73Kb / 3P
   869 MHz Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1018A TAI-SAW-TA1018A Datasheet
366Kb / 6P
   SAW Filter 869 MHz
TA0977B TAI-SAW-TA0977B Datasheet
151Kb / 6P
   SAW Filter 869 MHz
TA0704A TAI-SAW-TA0704A Datasheet
364Kb / 6P
   SAW Filter 869 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com