Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS138LT1D Datasheet(PDF) 2 Page - ON Semiconductor

Part # BSS138LT1D
Description  Power MOSFET 200 mA, 50 V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BSS138LT1D Datasheet(HTML) 2 Page - ON Semiconductor

  BSS138LT1D Datasheet HTML 1Page - ON Semiconductor BSS138LT1D Datasheet HTML 2Page - ON Semiconductor BSS138LT1D Datasheet HTML 3Page - ON Semiconductor BSS138LT1D Datasheet HTML 4Page - ON Semiconductor BSS138LT1D Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BSS138LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 mAdc)
V(BR)DSS
50
Vdc
Zero Gate Voltage Drain Current
(VDS = 25 Vdc, VGS = 0 Vdc)
(VDS = 50 Vdc, VGS = 0 Vdc)
IDSS
0.1
0.5
mAdc
Gate−Source Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
±0.1
mAdc
ON CHARACTERISTICS (Note 1)
Gate−Source Threshold Voltage
(VDS = VGS, ID = 1.0 mAdc)
VGS(th)
0.5
1.5
Vdc
Static Drain−to−Source On−Resistance
(VGS = 2.75 Vdc, ID < 200 mAdc, TA = −40°C to +85°C)
(VGS = 5.0 Vdc, ID = 200 mAdc)
rDS(on)
5.6
10
3.5
W
Forward Transconductance
(VDS = 25 Vdc, ID = 200 mAdc, f = 1.0 kHz)
gfs
100
mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1 MHz)
Ciss
40
50
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1 MHz)
Coss
12
25
Transfer Capacitance
(VDG = 25 Vdc, VGS = 0, f = 1 MHz)
Crss
3.5
5.0
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
(VDD = 30 Vdc, ID = 0.2 Adc,)
td(on)
20
ns
Turn−Off Delay Time
td(off)
20
1. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.


Similar Part No. - BSS138LT1D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS138LT1 ONSEMI-BSS138LT1 Datasheet
79Kb / 6P
   Power MOSFET 200 mA, 50 V
June, 2004 ??Rev. 3
BSS138LT1 ONSEMI-BSS138LT1 Datasheet
64Kb / 5P
   Power MOSFET 200 mA, 50 V N?묬hannel SOT??3
October, 2005 ??Rev. 4
BSS138LT1 ONSEMI-BSS138LT1 Datasheet
105Kb / 5P
   Power MOSFET 200 mA, 50 V
September, 2011 ??Rev. 6
logo
WILLAS ELECTRONIC CORP
BSS138LT1 WILLAS-BSS138LT1 Datasheet
306Kb / 4P
   N-CHANNEL POWER MOSFET
BSS138LT1 WILLAS-BSS138LT1 Datasheet
334Kb / 5P
   Power MOSFET 200 mAmps, 50 Volts
More results

Similar Description - BSS138LT1D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS138LT1 ONSEMI-BSS138LT1 Datasheet
79Kb / 6P
   Power MOSFET 200 mA, 50 V
June, 2004 ??Rev. 3
BSS138L ONSEMI-BSS138L Datasheet
117Kb / 5P
   Power MOSFET 200 mA, 50 V
July, 2013 ??Rev. 8
BSS138LT1 ONSEMI-BSS138LT1_11 Datasheet
105Kb / 5P
   Power MOSFET 200 mA, 50 V
September, 2011 ??Rev. 6
logo
Guangdong Kexin Industr...
KSS138 KEXIN-KSS138 Datasheet
46Kb / 2P
   Power MOSFET 200 mA, 50 V
logo
ON Semiconductor
BSS138LT1 ONSEMI-BSS138LT1_05 Datasheet
64Kb / 5P
   Power MOSFET 200 mA, 50 V N?묬hannel SOT??3
October, 2005 ??Rev. 4
BSS84LT1 ONSEMI-BSS84LT1 Datasheet
67Kb / 4P
   Power MOSFET 130 mA, 50 V
June, 2004 ??Rev. 5
logo
Nexperia B.V. All right...
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
logo
NXP Semiconductors
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
logo
Nexperia B.V. All right...
2PB709BRL NEXPERIA-2PB709BRL Datasheet
971Kb / 13P
   50 V, 200 mA PNP general-purpose transistors
Rev. 1 - 28 June 2010
logo
NXP Semiconductors
2PB709BRL NXP-2PB709BRL Datasheet
324Kb / 13P
   50 V, 200 mA PNP general-purpose transistors
Rev. 1-28 June 2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com