Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6311 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH6311
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6311 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH6311 Datasheet HTML 1Page - Sanyo Semicon Device CPH6311 Datasheet HTML 2Page - Sanyo Semicon Device CPH6311 Datasheet HTML 3Page - Sanyo Semicon Device CPH6311 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CPH6311
No.6794-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=--10V, f=1MHz
1230
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
200
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
170
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
17
ns
Rise Time
tr
See specified Test Circuit
100
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
100
ns
Fall Time
tf
See specified Test Circuit
95
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--5A
31
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--5A
2.8
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--5A
4.2
nC
Diode Forward Voltage
VSD
IS=--5A, VGS=0
--0.83
--1.5
V
Marking : JM
Switching Time Test Circuit
0
20
40
60
80
100
120
140
0
--0.2
0
--1
--2
--3
--4
--5
--6
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
Drain-to-Source Voltage, VDS -- V
ID -- VDS
VGS= --1.0V
IT02276
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Ta=25
°C
IT02278
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
IT02279
--60
0
20
40
60
80
100
120
140
--40
--20
0
20
40
60
80
100
120
160
140
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
0
--1
--2
--3
--4
--5
--6
--7
--8
Gate-to-Source Voltage, VGS -- V
ID -- VGS
VDS= --10V
IT02277
--3.0A
ID= --1.0A
ID= -
-1.0A,
VGS=
--2.5V
ID= --3.0A,
VGS=
--4.5V
--3.0V
--2.5V
--1.5V
PW=10
µs
D.C.
≤1%
0V
--4.5V
VIN
VIN
P.G
50
G
S
ID= --3A
RL=3.3Ω
VDD= --10V
VOUT
D
CPH6311


Similar Part No. - CPH6311

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6312 SANYO-CPH6312 Datasheet
30Kb / 4P
   High-Speed Switching Applications
CPH6313 SANYO-CPH6313 Datasheet
29Kb / 4P
   High-Speed Switching Applications
CPH6314 SANYO-CPH6314 Datasheet
31Kb / 2P
   CPH6314
CPH6314 SANYO-CPH6314 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH6314 SANYO-CPH6314_05 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
More results

Similar Description - CPH6311

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com