Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27-C75A Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # BZD27-C75A
Description  VOLTAGE REGULATOR DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZD27-C75A Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  BZD27-C75A Datasheet HTML 1Page - EIC discrete Semiconductors BZD27-C75A Datasheet HTML 2Page - EIC discrete Semiconductors BZD27-C75A Datasheet HTML 3Page - EIC discrete Semiconductors BZD27-C75A Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Per type when used as Transient suppressor diodes
Rating at Tj = 25 °C unless otherwise specified
Reverse
Temperature
Test
Maximum Reverse
Breakdown Voltage
Coefficient
Current
Leakage Current
V(BR)R @ Itest (V)
Itest
V(CL)R (V)
at IRSM
IR @ VR
Min.
Min.
Max.
(mA)
Max.
(A)
(μA)
(V)
BZD27-C7V5A
7.0
0.00
0.07
100
11.3
13.3
1500
6.2
BZD27-C8V2A
7.7
0.03
0.08
100
12.3
12.2
1200
6.8
BZD27-C9V1A
8.5
0.03
0.08
50
13.3
11.3
100
7.5
BZD27-C10A
9.4
0.05
0.09
50
14.8
10.1
20
8.2
BZD27-C11A
10.4
0.05
0.10
50
15.7
9.6
5
9.1
BZD27-C12A
11.4
0.05
0.10
50
17.0
8.8
5
10
BZD27-C13A
12.4
0.05
0.10
50
18.9
7.9
5
11
BZD27-C15A
13.8
0.05
0.10
50
20.9
7.2
5
12
BZD27-C16A
15.3
0.06
0.11
25
22.9
6.6
5
13
BZD27-C18A
16.8
0.06
0.11
25
25.6
5.9
5
15
BZD27-C20A
18.8
0.06
0.11
25
28.9
5.3
5
16
BZD27-C22A
20.8
0.06
0.11
25
31.0
4.8
5
18
BZD27-C24A
22.8
0.06
0.11
25
33.8
4.4
5
20
BZD27-C27A
25.1
0.06
0.11
25
38.1
3.9
5
22
BZD27-C30A
28
0.06
0.11
25
42.2
3.6
5
24
BZD27-C33A
31
0.06
0.11
25
46.2
3.2
5
27
BZD27-C36A
34
0.06
0.11
10
50.1
3.0
5
30
BZD27-C39A
37
0.06
0.11
10
54.1
2.8
5
33
BZD27-C43A
40
0.07
0.12
10
60.7
2.5
5
36
BZD27-C47A
44
0.07
0.12
10
65.5
2.6
5
39
BZD27-C51A
48
0.07
0.12
10
70.8
2.1
5
43
BZD27-C56A
52
0.07
0.12
10
78.6
1.9
5
47
BZD27-C62A
58
0.08
0.13
10
86.5
1.7
5
51
BZD27-C68A
64
0.08
0.13
10
94.4
1.6
5
56
BZD27-C75A
70
0.08
0.13
10
103.5
1.5
5
62
BZD27-C82A
77
0.08
0.13
10
114.0
1.3
5
68
BZD27-C91A
85
0.09
0.13
5
126
1.2
5
75
BZD27-C100A
94
0.09
0.13
5
139
1.1
5
82
BZD27-C110A
104
0.09
0.13
5
152
1.0
5
91
BZD27-C120A
114
0.09
0.13
5
167
0.90
5
100
BZD27-C130A
124
0.09
0.13
5
185
0.81
5
110
BZD27-C150A
138
0.09
0.13
5
204
0.73
5
120
BZD27-C160A
153
0.09
0.13
5
224
0.67
5
130
BZD27-C180A
168
0.09
0.13
5
249
0.60
5
150
BZD27-C200A
188
0.09
0.13
5
276
0.54
5
160
BZD27-C220A
208
0.09
0.13
2
305
0.50
5
180
BZD27-C240A
228
0.09
0.13
2
336
0.45
5
200
BZD27-C270A
251
0.09
0.13
2
380
0.40
5
220
BZD27-C300A
280
0.09
0.13
2
419
0.36
5
240
BZD27-C330A
310
0.09
0.13
2
459
0.33
5
270
BZD27-C360A
340
0.09
0.13
2
498
0.30
5
300
BZD27-C390A
370
0.09
0.13
2
537
0.28
5
330
BZD27-C430A
400
0.09
0.13
2
603
0.25
5
360
BZD27-C470A
440
0.09
0.13
2
655
0.23
5
390
BZD27-C510A
480
0.09
0.13
2
707
0.21
5
430
Page 3 of 4
Rev. 00 : February 13, 2008
Clamping
Voltage
Type No.
SZ (%/K) at Itest
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - BZD27-C75A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZD27-C75 PHILIPS-BZD27-C75 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
logo
Vishay Siliconix
BZD27-C75P VISHAY-BZD27-C75P Datasheet
35Kb / 4P
   Zener Diodes
06-May-02
More results

Similar Description - BZD27-C75A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com