Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS21DW5T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS21DW5T1G
Description  High Voltage Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS21DW5T1G Datasheet(HTML) 1 Page - ON Semiconductor

  BAS21DW5T1G Datasheet HTML 1Page - ON Semiconductor BAS21DW5T1G Datasheet HTML 2Page - ON Semiconductor BAS21DW5T1G Datasheet HTML 3Page - ON Semiconductor BAS21DW5T1G Datasheet HTML 4Page - ON Semiconductor BAS21DW5T1G Datasheet HTML 5Page - ON Semiconductor BAS21DW5T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 12
1
Publication Order Number:
BAS19LT1/D
BAS19LT1G, BAS20LT1G,
BAS21LT1G, BAS21DW5T1G
High Voltage
Switching Diode
Features
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
BAS19
BAS20
BAS21
VR
120
200
250
Vdc
Repetitive Peak Reverse Voltage
BAS19
BAS20
BAS21
VRRM
120
200
250
Vdc
Continuous Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
625
mAdc
Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+150
°C
Power Dissipation (Note 1)
PD
385
mW
Electrostatic Discharge
ESD
HM < 500
MM < 400
V
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Mounted on FR−5 Board = 1.0 x 0.75 x 0.062 in.
HIGH VOLTAGE
SWITCHING DIODE
5
CATHODE
1
ANODE
MARKING DIAGRAMS
http://onsemi.com
3
CATHODE
1
ANODE
4
CATHODE
3
ANODE
SOT−23 (TO−236)
CASE 318
STYLE 8
SC−88A (SOT−353)
CASE 419A
SOT−23
SC−88A
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
1
2
3
1
Jx M G
G
x
= P, R, or S
P
= BAS19LT1
R
= BAS20LT1
S
= BAS21LT1 or BAS21DW5T1
M
= Date Code
G
= Pb−Free Package
2
3
Jx M G
G
1
3
3
2
1
4
5
*Date Code orientation and/or overbar may vary
depending upon the manufacturing location.
(Note: Microdot may be in either location)


Similar Part No. - BAS21DW5T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS21DW5T1G ONSEMI-BAS21DW5T1G Datasheet
52Kb / 6P
   High Voltage Switching Diode
April, 2005 ??Rev. 7
BAS21DW5T1G ONSEMI-BAS21DW5T1G Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
BAS21DW5T1G ONSEMI-BAS21DW5T1G Datasheet
110Kb / 6P
   High Voltage Switching Diode
September, 2012 ??Rev. 14
BAS21DW5T1G ONSEMI-BAS21DW5T1G Datasheet
110Kb / 6P
   High Voltage Switching Diode
November, 2012 ??Rev. 15
BAS21DW5T1G ONSEMI-BAS21DW5T1G Datasheet
75Kb / 6P
   High Voltage Switching Diode
November, 2016 ??Rev. 18
More results

Similar Description - BAS21DW5T1G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
logo
SHENZHEN YONGERJIA INDU...
1SS245 WINNERJOIN-1SS245_15 Datasheet
129Kb / 3P
   High-voltage switching diode
logo
Leshan Radio Company
LBAS21HT1G LRC-LBAS21HT1G_15 Datasheet
606Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
LBAS20HT1G LRC-LBAS20HT1G_15 Datasheet
295Kb / 3P
   High Voltage Switching Diode
logo
ON Semiconductor
NSD350H ONSEMI-NSD350H Datasheet
59Kb / 4P
   High Voltage Switching Diode
April, 2015 ??Rev. 0
logo
Diodes Incorporated
BAV5004LP DIODES-BAV5004LP_15 Datasheet
92Kb / 4P
   HIGH VOLTAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMXD3004SR CENTRAL-CMXD3004SR Datasheet
764Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
SEMTECH ELECTRONICS LTD...
BAS521WT SEMTECH_ELEC-BAS521WT Datasheet
235Kb / 3P
   High Voltage Switching Diode
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
   High voltage switching diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com