Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRIO-9012 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # CRIO-9012
Description  CompactRIO High-Performance Real-Time Controllers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

CRIO-9012 Datasheet(HTML) 3 Page - National Instruments Corporation

  CRIO-9012 Datasheet HTML 1Page - National Instruments Corporation CRIO-9012 Datasheet HTML 2Page - National Instruments Corporation CRIO-9012 Datasheet HTML 3Page - National Instruments Corporation CRIO-9012 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CompactRIO High-Performance Real-Time Controllers
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Electromagnetic Compatibility
This product is designed to meet the requirements of the following
standards of EMC for electrical equipment for measurement, control,
and laboratory use:
• EN 61326 EMC requirements; Industrial Immunity
• EN 55011 Emissions; Group 1, Class A
• CE, C-Tick, ICES, and FCC Part 15 Emissions; Class A
Note: For EMC compliance, operate this device according to
product documentation.
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE marking, as follows:
• 73/23/EEC; Low-Voltage Directive (safety)
• 89/336/EEC; Electromagnetic Compatibility Directive (EMC)
Note: Refer to the Declaration of Conformity (DoC) for this product for
any additional regulatory compliance information. To obtain the DoC for
this product, visit ni.com/certification, search by model number or
product line, and click the appropriate link in the Certification column.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers: At the end of their life cycle, all products must be sent
to a WEEE recycling center. For more information about WEEE recycling
centers and National Instruments WEEE initiatives, visit
ni.com/environment/weee.htm.
Hazardous Locations
U.S. (UL) ...................................................
Class I, Division 2, Groups A, B, C,
D, T4; Class I, Zone 2, AEx nA II T4
Canada (C-UL)..........................................
Class I, Division 2, Groups A, B, C,
D, T4; Class I, Zone 2, Ex nA II T4
Europe (DEMKO) .................................
EEx nA II T4
Environmental
The cRIO-901x controllers are intended for indoor use only. For outdoor
use, mount the CompactRIO system in a suitably rated enclosure.
Operating temperature ............................
-40 to 70 °C (meets IEC 60068-2-1,
IEC 60068-2-2)
Note: To meet this operating temperature range, follow the guidelines in
the installation instructions for your CompactRIO system.
Storage temperature................................
-40 to 85 °C (meets IEC 60068-2-1,
IEC 60068-2-2)
Ingress protection ...............................
IP 40
Operating humidity .............................
10 to 90% RH, noncondensing
(meets IEC 60068-2-56)
Storage humidity.................................
5 to 95% RH, noncondensing
(meets IEC 60068-2-56)
Maximum altitude...............................
2,000 m
Pollution degree ..................................
2 (meets IEC 60664)
Shock and Vibration
To meet these specifications, you must panel mount the CompactRIO
system, affix ferrules to the ends of the terminal wires, and install a tie
wrap on the USB cable for strain relief. You can use the tie wrap to attach
the USB cable to the Ethernet cable.
Operating vibration, random...............
5 grms, 10 to 500 Hz
(meets IEC 60068-2-64)
Operating shock ..................................
30 g, 11 ms half sine 50 g,
3 ms half sine, 18 shocks at
6 orientations
(meets IEC 60068-2-27)
Operating vibration, sinusoidal...........
5 g, 10 to 500 Hz
(meets IEC 60068-2-6)


Similar Part No. - CRIO-9012

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
CRIO-900X NI-CRIO-900X Datasheet
468Kb / 4P
   Small, rugged, high-reliability embedded real-time processor for intelligent stand-alone operation
CRIO-907X NI-CRIO-907X Datasheet
721Kb / 2P
   Lower cost systems for high-volume OEM applications
More results

Similar Description - CRIO-9012

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
CFP-2220 NI-CFP-2220 Datasheet
137Kb / 5P
   Compact FieldPoint Real-Time Controllers
777849-01 NI-777849-01 Datasheet
503Kb / 3P
   Real-Time Embedded Controllers for PXI
NICFP-21XX NI-NICFP-21XX Datasheet
408Kb / 6P
   Compact FieldPoint LabVIEW Real-Time Controllers with Ethernet
logo
RICOH electronics devic...
RS5C317A RICOH-RS5C317A Datasheet
309Kb / 40P
   ULTRA-COMPACT HIGH PERFORMANCE SERIAL REAL-TIME CLOCK ICs?
logo
National Instruments Co...
PXI-8183RT NI-PXI-8183RT Datasheet
4Mb / 4P
   850 MHz Intel Celeron Real-Time Embedded Controllers for PXI
logo
Freescale Semiconductor...
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
   Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
   Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
   Real Time Clock
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
   REAL TIME CLOCK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com