Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27-C43A Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BZD27-C43A
Description  VOLTAGE REGULATOR DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZD27-C43A Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BZD27-C43A Datasheet HTML 1Page - EIC discrete Semiconductors BZD27-C43A Datasheet HTML 2Page - EIC discrete Semiconductors BZD27-C43A Datasheet HTML 3Page - EIC discrete Semiconductors BZD27-C43A Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZD27-CxxA Series
VOLTAGE REGULATOR DIODES
FEATURES :
* High maximum operating temperature
* Low leakage current
* Excellent stability
* Zener working voltage range: 3.6 to 270 V for 46 types
* Transient suppressor stand-off voltage range:
6.2 to 430 V for 45 types
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.067 gram
MAXIMUM RATINGS
Parameter
Symbol
Condition
Min.
Max.
Unit
Total Power dissipation
Ttp = 105 °C; see Fog. 1 and 2
BZD27-C3V6A to BZD27-C6V8A
BZD27-C7V5A to BZD27-C510A
Total Power dissipation
PCB mounted
BZD27-C3V6A to BZD27-C6V8A
Tamb = 60 °C, see Fig. 1
BZD27-C7V5A to BZD27-C510A
Tamb = 55 °C, see Fig. 2
Non-repetitive peak reverse
tp = 100 µs; square pulse;
power dissipation
Tj = 25°C prior to surge; see Fig. 5
Non-repetitive peak reverse power
10/1000 µs exponential pulse (see Fig. 5)
dissipation (BZD27-C7V5A to -C510A)
Tj = 25°C prior to surge
Forward voltage
IF = 0.2 A; Tj = 25 °C; see Fig. 3
Junction and Storage Temperature Range
BZD27-C3V6A to BZD27-C6V8A
-65
+175
BZD27-C7V5A to BZD27-C510A
-65
+150
THERMAL CHARACTERISTICS
Parameter
Condition
Value
Unit
Thermal resistance from junction to tie-point
BZD27-C3V6A to BZD27-C6V8A
41
BZD27-C7V5A to BZD27-C510A
20
Thermal resistance from junction to ambient
BZD27-C3V6A to BZD27-C6V8A
Note 1
144
BZD27-C7V5A to BZD27-C510A
119
Note :
(1) Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm on an must space.
Page 1 of 4
Rev. 00 : February 13, 2008
°C
Ptot
Ptot
W
W
-
-
-
1.7
0.8
Rth j-tp
TJ, TSTG
Rth j-a
PZSM
VF
PRSM
K/W
K/W
Symbol
-
-
150
1.2
2.3
V
0.8
-
-
300
W
W
2.0
± 0.2
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeters
1.1
± 0.3
0.2
± 0.07
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - BZD27-C43A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZD27-C43 PHILIPS-BZD27-C43 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27-C430 PHILIPS-BZD27-C430 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
logo
Vishay Siliconix
BZD27-C43P VISHAY-BZD27-C43P Datasheet
35Kb / 4P
   Zener Diodes
06-May-02
More results

Similar Description - BZD27-C43A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com